Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3020RWS Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA3020RWS
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020RWS Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3020RWS Datasheet HTML 1Page - Kingbright Corporation AA3020RWS Datasheet HTML 2Page - Kingbright Corporation AA3020RWS Datasheet HTML 3Page - Kingbright Corporation AA3020RWS Datasheet HTML 4Page - Kingbright Corporation AA3020RWS Datasheet HTML 5Page - Kingbright Corporation AA3020RWS Datasheet HTML 6Page - Kingbright Corporation AA3020RWS Datasheet HTML 7Page - Kingbright Corporation AA3020RWS Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPEC NO: DSAH4501
REV NO: V.2
DATE: MAY/26/2007
PAGE: 3 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP: 1201002983
Selection Guide
Parameter
Symbol
Value
Unit
Power dissipation
Pt
111
mW
Reverse Voltage
VR
5
V
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current
IF
30
mA
Peak Forward Current
Note4
IFM
100
mA
Thermal resistance
Junction/ambient
Note5
Junction/solder point
Rth JA
Rth JS
300
140
°C/W
°C/W
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Chromaticity coordinate x acc.to CIE1931
IF=20mA [Typ.]
X
Note1
0.31
-
Chromaticity coordinate y acc.to CIE1931
IF=20mA [Typ.]
Y
Note1
0.31
-
Forward Voltage IF=20mA [Min.]
VF
Note2
2.7
V
Forward Voltage IF=20mA [Typ.]
3.2
Forward Voltage
IF=20mA [Max.]
3.7
Reverse Current (VR=5V)
[Typ.]
IR
0.01
μA
Reverse Current (VR=5V)
[Max.]
10
Temperature coefficient of x
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TC x
-0.1
10
-3 /
°C
Temperature coefficient of y
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCy
-0.2
10
-3 /
°C
Temperature coefficient of VF
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCV
-2.5
mV/
°C
Part No.
Dice
Lens Type
luminous Intensity
Note2
Iv(mcd) @ 20mA
Viewing
Angle
Note1
Min.
Typ.
Min.
Typ.
2
θ1/2
AA3020RWS/Z
WHITE (InGaN)
WATER CLEAR
650
1200
1500
3300
120
°
Φv (mlm)
Note3
@ 20mA
Notes:
1
.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.
4.1/10 Duty Cycle, 0.1ms Pulse Width.
5.Rth(J-A) Results from mounting on PC board FR4 (pad size
≥16 mm2 per pad),
Notes:
1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of ±0.01 in X and Y color coordinates.
2.Forward voltage is measured with a current pulse of 10ms at a tolerance of ±0.1V.


Similar Part No. - AA3020RWS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020RWC KINGBRIGHT-AA3020RWC Datasheet
319Kb / 7P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020RWC/A KINGBRIGHT-AA3020RWC/A Datasheet
319Kb / 7P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3020RWS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020CGCK KINGBRIGHT-AA3020CGCK Datasheet
113Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020ACGCK KINGBRIGHT-AA3020ACGCK Datasheet
331Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-Z KINGBRIGHT-AA3020APBC-Z Datasheet
250Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2BB50FS SUNLED-ZM2BB50FS Datasheet
236Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3021SESK KINGBRIGHT-AA3021SESK Datasheet
298Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AYC KINGBRIGHT-AA3020AYC Datasheet
332Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AMGC KINGBRIGHT-AA3020AMGC Datasheet
332Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMG50FW SUNLED-ZMG50FW Datasheet
190Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
ZMO50FW SUNLED-ZMO50FW Datasheet
187Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3020MBC KINGBRIGHT-AA3020MBC Datasheet
123Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020MBCK KINGBRIGHT-AA3020MBCK Datasheet
120Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com