Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXRS610 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXRS610
Description  짹300째/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS610 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXRS610 Datasheet HTML 4Page - Analog Devices ADXRS610 Datasheet HTML 5Page - Analog Devices ADXRS610 Datasheet HTML 6Page - Analog Devices ADXRS610 Datasheet HTML 7Page - Analog Devices ADXRS610 Datasheet HTML 8Page - Analog Devices ADXRS610 Datasheet HTML 9Page - Analog Devices ADXRS610 Datasheet HTML 10Page - Analog Devices ADXRS610 Datasheet HTML 11Page - Analog Devices ADXRS610 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADXRS610
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
BOTTOM
VIEW
765
4
3
TOP VIEW
3.80 MAX
0.80 BSC
(BALL PITCH)
DETAIL A
BALL DIAMETER
0.60
0.55
0.50
0.60
0.25
7.05
6.85 SQ
6.70
COPLANARITY
0.15
21
*A1 CORNER
INDEX AREA
DETAIL A
A1 BALL PAD
INDICATOR
SEATING
PLANE
4.80
BSC SQ
3.30 MAX
2.50 MIN
*BALL A1 IDENTIFIER IS GOLD PLATED AND CONNECTED
TO THE D/A PAD INTERNALLY VIA HOLES.
Figure 24. 32-Lead Ceramic Ball Grid Array [CBGA]
(BG-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADXRS610BBGZ1
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
ADXRS610BBGZ-RL1
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
1 Z = RoHS Compliant Part.


Similar Part No. - ADXRS610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
More results

Similar Description - ADXRS610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com