Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686-A7104-J Datasheet(PDF) 7 Page - EPCOS

Part # B32686-A7104-J
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686-A7104-J Datasheet(HTML) 7 Page - EPCOS

Back Button B32686-A7104-J Datasheet HTML 3Page - EPCOS B32686-A7104-J Datasheet HTML 4Page - EPCOS B32686-A7104-J Datasheet HTML 5Page - EPCOS B32686-A7104-J Datasheet HTML 6Page - EPCOS B32686-A7104-J Datasheet HTML 7Page - EPCOS B32686-A7104-J Datasheet HTML 8Page - EPCOS B32686-A7104-J Datasheet HTML 9Page - EPCOS B32686-A7104-J Datasheet HTML 10Page - EPCOS B32686-A7104-J Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
184 12/00
MFP
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J, ± 5 %
Ordering codes and packing units, lead spacing 37,5 mm
VR
(Vrms
f < 60 kHz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Untaped
1000 Vdc
(400 Vac)
0,10
µF 12,0 × 22,0 × 41,5 B32686-A104-+
72
0,15
µF 14,0 × 25,0 × 41,5 B32686-A154-+
56
0,22
µF 16,0 × 28,5 × 41,5 B32686-A224-+
48
0,33
µF 20,0 × 39,5 × 41,5 B32686-A334-+
32
0,47
µF 20,0 × 39,5 × 41,5 B32686-A474-+
32
1250 Vdc
(450 Vac)
0,68 nF 12,0
× 22,0 × 41,5 B32686-A7683-+
72
0,10
µF 14,0 × 25,0 × 41,5 B32686-A7104-+
56
0,15
µF 16,0 × 28,5 × 41,5 B32686-A7154-+
48
0,22
µF 18,0 × 32,5 × 41,5 B32686-A7224-+
48
0,33
µF 20,0 × 39,5 × 41,5 B32686-A7334-+
32
1600 Vdc
(450 Vac)
0,47 nF 12,0
× 22,0 × 41,5 B32686-A1473-+
72
0,68 nF 14,0
× 25,0 × 41,5 B32686-A1683-+
56
0,10
µF 18,0 × 32,5 × 41,5 B32686-A1104-+
48
0,15
µF 20,0 × 39,5 × 41,5 B32686-A1154-+
32
2000 Vdc
(500 Vac)
0,22 nF 12,0
× 22,0 × 41,5 B32686-A2223-+
72
0,33 nF 14,0
× 25,0 × 41,5 B32686-A2333-+
56
0,47 nF 16,0
× 28,5 × 41,5 B32686-A2473-+
48
0,68 nF 18,0
× 32,5 × 41,5 B32686-A2683-+
48
0,10
µF 20,0 × 39,5 × 41,5 B32686-A2104-+
32
1)
+
Code letter for capacitance tolerance
For capacitors with 3,2 mm lead length, append code number “3” to the tolerance code, e.g.: B32686-A104-K3
B32 686
37,5


Similar Part No. - B32686-A7104-J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
B32686A TDK-B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A0104 EPCOS-B32686A0104 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0154 EPCOS-B32686A0154 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0224 EPCOS-B32686A0224 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32686-A7104-J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com