Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3528YC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA3528YC
Description  3.5x2.8 mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528YC Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3528YC Datasheet HTML 1Page - Kingbright Corporation AA3528YC Datasheet HTML 2Page - Kingbright Corporation AA3528YC Datasheet HTML 3Page - Kingbright Corporation AA3528YC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAB4001
REV NO: V.5
DATE: MAR/21/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1201000429
Yellow
AA3528YC


Similar Part No. - AA3528YC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528YC KINGBRIGHT-AA3528YC Datasheet
123Kb / 6P
   3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
logo
HK TO-GRACE TECHNOLOGY ...
AA3528YC TO-GRACE-AA3528YC Datasheet
818Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results

Similar Description - AA3528YC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528F3C KINGBRIGHT-AA3528F3C Datasheet
446Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-G GILWAY-GHB-PLCC-G Datasheet
144Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528PWC KINGBRIGHT-AA3528PWC Datasheet
162Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528EC KINGBRIGHT-AA3528EC Datasheet
137Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AZGC KINGBRIGHT-AA3528AZGC Datasheet
282Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-DR GILWAY-GHB-PLCC-DR Datasheet
155Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528MBC KINGBRIGHT-AA3528MBC Datasheet
130Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528SURC KINGBRIGHT-AA3528SURC Datasheet
110Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com