Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTR18EZPJ Datasheet(PDF) 4 Page - Rohm

Part # KTR18EZPJ
Description  Endured high voltage fixed thick film chip resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KTR18EZPJ Datasheet(HTML) 4 Page - Rohm

  KTR18EZPJ Datasheet HTML 1Page - Rohm KTR18EZPJ Datasheet HTML 2Page - Rohm KTR18EZPJ Datasheet HTML 3Page - Rohm KTR18EZPJ Datasheet HTML 4Page - Rohm KTR18EZPJ Datasheet HTML 5Page - Rohm KTR18EZPJ Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KTR18
Resistors
Rev.B
4/5
Dimensions
RESISTANCE
(
Ω)
Fig.2 Dimensions (length)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
10
1
100
1k
10k 100k 1M 10M
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
10
1
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
Fig.3 Dimensions (width)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
10
1
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
Fig.4 Dimensions (thickness)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
Electrical characteristics
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.5 Resistance (J class)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
10M
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.6 Resistance (F class)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
10M
RESISTANCE
(
Ω)
Fig.7 Variation resistance with
temperature (J class)
−500
−400
−300
−200
−100
0
100
200
300
500
400
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
−500
−400
−300
−200
−100
0
100
200
300
500
400
RESISTANCE
(
Ω)
Fig.8 Variation resistance with
temperature (F class)
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
RESISTANCE
(
Ω)
Fig.9 Overload
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 800V
−4.0
−5.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
100
1k
10k
100k
1M
RESISTANCE
(
Ω)
Fig.10 Solderability
10
10M
JIS C 5201-1 4.17
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 235
°C 2s
20
30
40
50
60
70
80
90
100


Similar Part No. - KTR18EZPJ

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR18EZPJ100 ROHM-KTR18EZPJ100 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ100 ROHM-KTR18EZPJ100 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ106 ROHM-KTR18EZPJ106 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results

Similar Description - KTR18EZPJ

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR18 ROHM-KTR18 Datasheet
105Kb / 7P
   Endured high voltage fixed thick film chip resistors
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
   Endured high voltage fixed thick film chip resistor
MCR03EZHJ4R7 ROHM-MCR03EZHJ4R7 Datasheet
169Kb / 13P
   FIXED THICK FILM CHIP RESISTORS
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
   Endured surge thick film chip resistor
ESR18 ROHM-ESR18 Datasheet
119Kb / 7P
   Endured surge thick film chip resistor
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
   Thick Film Chip Resistors, High Voltage
Revision: 02-Oct-14
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRMV VISHAY-CRMV Datasheet
143Kb / 4P
   Thick Film Chip Resistors, High Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com