Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2222A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PH2222A
Description  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH2222A Datasheet(HTML) 2 Page - NXP Semiconductors

  PH2222A Datasheet HTML 1Page - NXP Semiconductors PH2222A Datasheet HTML 2Page - NXP Semiconductors PH2222A Datasheet HTML 3Page - NXP Semiconductors PH2222A Datasheet HTML 4Page - NXP Semiconductors PH2222A Datasheet HTML 5Page - NXP Semiconductors PH2222A Datasheet HTML 6Page - NXP Semiconductors PH2222A Datasheet HTML 7Page - NXP Semiconductors PH2222A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 27
2
Philips Semiconductors
Product specification
NPN switching transistor
PH2222A
FEATURES
• High current (max. 600 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• Switching and linear amplification.
DESCRIPTION
NPN switching transistor in a TO-92; SOT54 plastic
package. PNP complement: PH2907A.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector
Fig.1
Simplified outline (TO-92; SOT54)
and symbol.
handbook, halfpage1
3
2
MAM182
3
2
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
75
V
VCEO
collector-emitter voltage
open base
40
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
600
mA
ICM
peak collector current
800
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PH2222A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
210Kb / 2P
   Radar Pulsed Power Transistor, 110 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M_17 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
logo
Tyco Electronics
PH2226-11OM MACOM-PH2226-11OM Datasheet
99Kb / 1P
   Radar Pulsed Power Transistor, IlOW, loops Pulse, 10% Duty 2.25 - 2.55 GHz
More results

Similar Description - PH2222A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com