Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-601AL Datasheet(PDF) 1 Page - Rohm

Part # LA-601AL
Description  Single Digit LED Numeric Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LA-601AL Datasheet(HTML) 1 Page - Rohm

  LA-601AL Datasheet HTML 1Page - Rohm LA-601AL Datasheet HTML 2Page - Rohm LA-601AL Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LA-601 B / L Series
LED displays
Rev.A
1/2
Single Digit LED Numeric Display
LA-601 B / L Series
LA-601 B / L series is designed to use in the light.
Materials of emission are GaAsP on GaP, AlGalnP GaP
and GaN. This is the height of a letter 14.6mm, single
digit LED Numeric Display that is packed by epoxy resin.
Features
1) The height of a letter is 14.6mm.
2) Dimension is 12.5
×19.0×8.0mm.
3) The package of surface color is black. Color of
segment is colored in emitting color. (Blue color is only
milky white)
4) Each color has anode common and cathode common
respectively.
External dimensions (Unit : mm)
10˚
12.5−0.5
+0
φ1.8
0.5
(2.54)
(10.16)
8.3
1.6
Tolerance are
±0.3 unless otherwise noted:
Selection guide
Anode
Cathode
Emitting color
Common
Red
LA-601VB
LA-601VL
Red
(High brightness)
LA-601AB
LA-601AL
Orange
(High brightness)
LA-601EB
LA-601EL
Yellow
(High brightness)
LA-601XB
LA-601XL
Green
LA-601MB
LA-601ML
Blue
LA-601BB
LA-601BL
Pin assignments
Pin No.
a
g
d
f
b
ec
D.P
+
+
10
1
+
+
9
2
+
+
8
3
+
+
7
4
+
+
6
5
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"
Equivalent circuit (anode common)
(cathode common)
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5


Similar Part No. - LA-601AL

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-601AL ROHM-LA-601AL Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601AL ROHM-LA-601AL Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
More results

Similar Description - LA-601AL

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL_08 Datasheet
95Kb / 5P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com