Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2222 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PH2222
Description  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH2222 Datasheet(HTML) 3 Page - NXP Semiconductors

  PH2222 Datasheet HTML 1Page - NXP Semiconductors PH2222 Datasheet HTML 2Page - NXP Semiconductors PH2222 Datasheet HTML 3Page - NXP Semiconductors PH2222 Datasheet HTML 4Page - NXP Semiconductors PH2222 Datasheet HTML 5Page - NXP Semiconductors PH2222 Datasheet HTML 6Page - NXP Semiconductors PH2222 Datasheet HTML 7Page - NXP Semiconductors PH2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 27
3
Philips Semiconductors
Product specification
NPN switching transistor
PH2222A
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =60V
10
nA
IE = 0; VCB =60V; Tamb = 150 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =3V
10
nA
hFE
DC current gain
IC = 0.1 mA; VCE =10V
35
IC = 1 mA; VCE =10V
50
IC = 10 mA; VCE =10V
75
IC = 10 mA; VCE =10V; Tamb = −55 °C35
IC = 150 mA; VCE = 1 V; note 1
50
IC = 150 mA; VCE = 10 V; note 1
100
300
IC = 500 mA; VCE = 10 V; note 1
40
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
300
mV
IC = 500 mA; IB = 50 mA; note 1
1V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
0.6
1.2
V
IC = 500 mA; IB = 50 mA; note 1
2V
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
8pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz
25
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V; f = 100 MHz
300
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
4db
Switching times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = 150 mA; IBon =15mA;
IBoff = −15 mA
35
ns
td
delay time
15
ns
tr
rise time
20
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns


Similar Part No. - PH2222

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
210Kb / 2P
   Radar Pulsed Power Transistor, 110 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.2-2.6GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2226-110M MA-COM-PH2226-110M_17 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
logo
Tyco Electronics
PH2226-11OM MACOM-PH2226-11OM Datasheet
99Kb / 1P
   Radar Pulsed Power Transistor, IlOW, loops Pulse, 10% Duty 2.25 - 2.55 GHz
More results

Similar Description - PH2222

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com