Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOV-S10K30GS4R5 Datasheet(PDF) 2 Page - EPCOS

Part # SIOV-S10K30GS4R5
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S10K30GS4R5 Datasheet(HTML) 2 Page - EPCOS

  SIOV-S10K30GS4R5 Datasheet HTML 1Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 2Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 3Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 4Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 5Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 6Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 7Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 8Page - EPCOS SIOV-S10K30GS4R5 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
207 04/02
Taping modes/reel types
Taped varistors have the letter “G” appended to the type designation.
The different tapes and matching reel types are identified by numbers as shown in the table on
page 208.
Types with lead spacing
= 5, reel diameter 360 mm, have the code letter “G” while types with
lead spacing
= 7,5 and 10 on 500-mm reels are identified by “G5”.
Furthermore types with lead spacing
= 5 are available in Ammopack, code letters “GA”.
Versions G2, G3 and G4 are special tapes on 360-mm reels resp. Ammopack: G2 denotes the seat-
ing plane height H0 = 18 for crimped versions. Tapes G3 and G4 are available on 360-mm reels in
case the 500-mm reels are too big for your insertion machine.
Crimp styles
Both crimped and straight leads are standard for taped disk varistors. The leads are differently
crimped for technical reasons; the individual crimp styles are denoted by consecutive numbers
(S, S2 … S5) as shown in the dimensional drawings on page 212.
The crimp styles of the individual types can be seen from the type designation in the ordering tables.
Example straight leads:
S10K250G5
Example crimped leads:
S10K250G5S5
Lead spacing
Type series SIOV-S10 is available with two different lead spacings:
= 5,0 (wire
Æ 0,6 mm)
= 7,5 (wire
Æ 0,8 mm)
For taped varistors having a different lead spacing from their untaped equivalents, the actual
is
appended to type designation.
Example: S10K250GS3R5
The standard lead spacing of series SIOV-S10 is
= 7,5. The version with
= 5,0 has the
appendix “R5”.
Taping
Leaded Varistors


Similar Part No. - SIOV-S10K30GS4R5

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S10K30 EPCOS-SIOV-S10K30 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
SIOV-S10K300E2 EPCOS-SIOV-S10K300E2 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - SIOV-S10K30GS4R5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com