Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3610T50PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3610T50PWR
Description  BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3610T50PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3610T50PWR Datasheet HTML 4Page - Texas Instruments TPS3610T50PWR Datasheet HTML 5Page - Texas Instruments TPS3610T50PWR Datasheet HTML 6Page - Texas Instruments TPS3610T50PWR Datasheet HTML 7Page - Texas Instruments TPS3610T50PWR Datasheet HTML 8Page - Texas Instruments TPS3610T50PWR Datasheet HTML 9Page - Texas Instruments TPS3610T50PWR Datasheet HTML 10Page - Texas Instruments TPS3610T50PWR Datasheet HTML 11Page - Texas Instruments TPS3610T50PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS3610U18, TPS3610T50
BATTERY BACKUP SUPERVISORS FOR RAM RETENTION
SLVS327B – DECEMBER 2000 – REVISED DECEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
power-fail comparator (PFI and PFO)
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The
power-fail-input (PFI) is compared with an internal voltage reference of 1.15 V. If the input voltage falls below
the power-fail threshold VIT(PFI) of typical 1.15 V, the power-fail output (PFO) goes low. If VIT(PFI) goes above
V(PFI), plus about 12-mV hysteresis, the output returns to high. By connecting two external resistors, it is
possible to supervise any voltages above V(PFI). The sum of both resistors should be about 1 MΩ, to minimize
power consumption and also to assure that the current in the PFI pin can be neglected compared with the current
through the resistor network. The tolerance of the external resistors should be not more than 1% to ensure
minimal variation of sensed voltage. If the power-fail comparator is unused, PFI should be connected to ground
and PFO left unconnected.
LOWLINE
The lowline comparator monitors VDD with a threshold voltage typically 2% above the reset threshold (VIT). For
normal operation (VDD above the reset threshold), LOWLINE is pulled to VDD. LOWLINE can be used to provide
a nonmaskable interrupt (NMI) to the processor when power begins to fall. In most battery-operated portable
systems, reserve energy in the battery provides enough time to complete the shutdown routine once the low-line
warning is encountered and before reset asserts. If the system must also contend with a more rapid VDD fall
time, such as when the main battery is disconnected or a high-side switch is opened during normal operation,
a capacitor can be used on the VDD line to provide enough time for executing the shutdown routine. First, the
worst-case settling time (tsd) required for the system to perform its shutdown routine needs to be defined. Then,
using the worst-case load current (IL) that can be drained from the capacitor, and the minimum reset threshold
voltage (VITmin), the capacitor value (CH) can be calculated as follows:
C
H +
I
L
t
sd
V
ITmin
0.012
BATTON
Most often BATTON is used as a gate drive for an external pass transistor for high-current applications. In
addition, it can be used as a logic output to indicate the battery switchover status. BATTON is high when VOUT
is connected to VBAT.
BATTON can be connected directly to the gate of a PMOS transistor (see Figure 3). No current-limiting resistor
is required. If a PMOS transistor is used, it must be connected in the reverse of the traditional method (see
Figure 3), which orients the body diode from VDD to VOUT and prevents the backup battery from discharging
through the FET when its gate is high.
TPS3610
VDD
VOUT
BATTON
DS
G
GND
PMOS FET
Body Diode
Figure 3. Driving an External MOSFET Transistor With BATTON


Similar Part No. - TPS3610T50PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610T50PWR TI1-TPS3610T50PWR Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PWR TI1-TPS3610T50PWR Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PWRG4 TI1-TPS3610T50PWRG4 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PWRG4 TI1-TPS3610T50PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3610T50PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com