Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74301RGWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74301RGWRG4
Description  1.5A Ultra-LDO with Programmable Sequencing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74301RGWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS74301RGWRG4 Datasheet HTML 4Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 5Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 6Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 7Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 8Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 9Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 10Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 11Page - Texas Instruments TPS74301RGWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
20mV/div
20mV/div
20mV/div
20mV/div
1V/div
Time(50 s/div)
m
4.3V
C
=2x470 F(OSCON)
OUT
m
C
=100 F(Cer.)
OUT
m
C
=10 F(Cer.)
OUT
m
1V/ s
m
3.3V
C
=0 F
OUT
m
4.3V
10mV/div
10mV/div
10mV/div
10mV/div
500mV/div
Time(50 s/div)
m
C
=2x470 F(OSCON)
OUT
m
C
=100 F(Cer.)
OUT
m
C
=10 F(Cer.)
OUT
m
C
=0 F
OUT
m
2.5V
1.5V
V
=1.2V
OUT
1V/ s
m
50mV/div
50mV/div
50mV/div
50mV/div
1A/div
Time(50 s/div)
m
50mA
C
=2x470 F(OSCON)
OUT
m
C
=100 F(Cer.)
OUT
m
C
=10 F(Cer.)
OUT
m
1A/ s
m
C
=0 F
OUT
m
1.5A
Time(20ms/div)
V
PG
V
TRACK
I
=500mA
OUT
V
OUT
Time(20ms/div)
V
(500mV/div)
PG
V
OUT
V
=V
IN
BIAS
EN
=V
2.85
2.65
2.45
2.25
2.05
1.85
1.65
1.45
1.25
0
0.5
1.0
I
(A)
OUT
1.5
+125 C
°
+25 C
°
-
°
40 C
TPS74301
SBVS065E – DECEMBER 2005 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, EN = VIN, CIN = 1µF, CBIAS = 4.7µF, and COUT = 10µF,
unless otherwise noted.
VBIAS LINE TRANSIENT
VIN LINE TRANSIENT (1.5A)
Figure 15.
Figure 16.
OUTPUT LOAD TRANSIENT RESPONSE
TRACKING RESPONSE
Figure 17.
Figure 18.
POWER-UP/POWER-DOWN
IBIAS vs IOUT AND TEMPERATURE
Figure 19.
Figure 20.
8
Submit Documentation Feedback


Similar Part No. - TPS74301RGWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results

Similar Description - TPS74301RGWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com