Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3620-33DGK Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3620-33DGK
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3620-33DGK Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3620-33DGK Datasheet HTML 5Page - Texas Instruments TPS3620-33DGK Datasheet HTML 6Page - Texas Instruments TPS3620-33DGK Datasheet HTML 7Page - Texas Instruments TPS3620-33DGK Datasheet HTML 8Page - Texas Instruments TPS3620-33DGK Datasheet HTML 9Page - Texas Instruments TPS3620-33DGK Datasheet HTML 10Page - Texas Instruments TPS3620-33DGK Datasheet HTML 11Page - Texas Instruments TPS3620-33DGK Datasheet HTML 12Page - Texas Instruments TPS3620-33DGK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
TA = 25°C
TA = 85°C
TA = 0°C
TA = −40°C
IOL − Low-Level Output Current − mA
VDD = 3.3 V
VBAT = GND
0
100
200
300
400
500
0
1
2
3
4
5
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
IOL − Low-Level Output Current − mA
VDD = 3.3 V
VBAT = GND
Expanded View
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4 0.5
0.6
0.7
0.8
0.9
Threshold Overdrive at VDD − V
1
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
0
0.1
0.2
0.3
0.4
0.5
0.6 0.7 0.8
0.9
1
Threshold Overdrive at PFI − V
VDD = 1.65 V
TPS3619-33
,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387G – APRIL 2001 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE AT RESET
LOW-LEVEL OUTPUT VOLTAGE AT RESET
vs
vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 9.
Figure 10.
MINIMUM PULSE DURATION AT VDD
MINIMUM PULSE DURATION AT PFI
vs
vs
THRESHOLD OVERDRIVE AT VDD
THRESHOLD OVERDRIVE AT PFI
Figure 11.
Figure 12.
9
Submit Documentation Feedback


Similar Part No. - TPS3620-33DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3620-33DGKR TI1-TPS3620-33DGKR Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-33DGKRG4 TI1-TPS3620-33DGKRG4 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-33DGKT TI1-TPS3620-33DGKT Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-33DGKTG4 TI1-TPS3620-33DGKTG4 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3620-33DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com