Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60120PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60120PWPR
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60120PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS60120PWPR Datasheet HTML 7Page - Texas Instruments TPS60120PWPR Datasheet HTML 8Page - Texas Instruments TPS60120PWPR Datasheet HTML 9Page - Texas Instruments TPS60120PWPR Datasheet HTML 10Page - Texas Instruments TPS60120PWPR Datasheet HTML 11Page - Texas Instruments TPS60120PWPR Datasheet HTML 12Page - Texas Instruments TPS60120PWPR Datasheet HTML 13Page - Texas Instruments TPS60120PWPR Datasheet HTML 14Page - Texas Instruments TPS60120PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
0
10
20
30
40
50
60
70
80
90
100
IO – Output Current – mA
TPS60120
EFFICIENCY
vs
OUTPUT CURRENT
10
0.1
1
10
100
1000
VI = 2.0 V
VI = 2.4 V
VI = 2.7 V
Figure 7
0
10
20
30
40
50
60
70
80
90
100
IO – Output Current – mA
TPS60122
EFFICIENCY
vs
OUTPUT CURRENT
10
0.1
1
10
100
1000
VI = 2.0 V
VI = 2.4 V
VI = 2.7 V
Figure 8
IO – Output Current – mA
TPS60124
EFFICIENCY
vs
OUTPUT CURRENT
0.1
1
10
100
1000
VI = 2.0 V
VI = 2.4 V
VI = 2.7 V
90
80
70
60
50
40
30
20
10
0
Figure 9
IO = 66 mA
0
10
20
30
40
50
60
70
80
90
100
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VI – Input Voltage – V
IO = 164 mA
IO = 216 mA
IO = 116 mA
VO = 3.3 V
TC = 25°C
TPS60120
EFFICIENCY
vs
INPUT VOLTAGE


Similar Part No. - TPS60120PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120PWPR TI-TPS60120PWPR Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120PWPRG4 TI-TPS60120PWPRG4 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60120PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com