Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM-1256 Datasheet(PDF) 1 Page - Rohm

Part # LM-1256
Description  16횞16 matrix displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM-1256 Datasheet(HTML) 1 Page - Rohm

  LM-1256_1 Datasheet HTML 1Page - Rohm LM-1256_1 Datasheet HTML 2Page - Rohm LM-1256_1 Datasheet HTML 3Page - Rohm LM-1256_1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM-1256 Series
LED displays
Rev.C
1/3
16
×16 matrix displays
LM-1256 Series
The LM-1256 series are 16
× 16 matrix
displays which can be used in a wide
variety of applications, including alpha-
bet, numeric, symbol, and red are available.
Applications
Light sources for displays
Features
1)
16
×16 dot matrix
Circlar emitters.
2)
External dimensions : 32
×32×5.4mm
3)
Emitters : Circular, 1.6mm diameter.
4)
Black package.
Selection guide
Anode
Red∗
LM-1256LB1
Common
Emitting color
∗ Bright red
Dimensions ( Unit : mm )
Single color type
Tolerances
±0.3 unless otherwise noted
P2
×15=30
32
256-
φ1.6
A
B C D EF G H I J KL M N O P
φ0.5
24
4-
φ1PIN
LM-1256LB1
Part No.
Lot No.
PIN 17
PIN 8
PIN 1
505K
rank
PIN 9
PIN 24
PIN 25
PIN 32
PIN 16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8
8
P2
×7=14
0
-0.1
R2
1Pin Mark
Pin assignments (Top view)
Pin No.17
Pin No.16
Pin No.9
Pin No.8
Pin No.24
Pin No.25
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
AB C D E F G H I J K L M N O P
Pin No.1
Pin No.32
Single color type


Similar Part No. - LM-1256_1

ManufacturerPart #DatasheetDescription
logo
Rohm
LM-1256 ROHM-LM-1256 Datasheet
111Kb / 4P
   16 x 16 matrix displays
More results

Similar Description - LM-1256_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM-2081SURWA ETC1-ELM-2081SURWA Datasheet
216Kb / 5P
   Dot Matrix Displays
logo
QT Optoelectronics
GMA2875C QT-GMA2875C Datasheet
591Kb / 7P
   2.0 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA7175C FAIRCHILD-GMA7175C Datasheet
545Kb / 6P
   0.7 5X7 DOT MATRIX DISPLAYS
logo
Rohm
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
   5 x 7 matrix displays
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
GMA7175C QT-GMA7175C Datasheet
519Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
GMA2885C QT-GMA2885C Datasheet
577Kb / 7P
   2.3 5X8 DOT MATRIX DISPLAYS
GMA2888C QT-GMA2888C Datasheet
595Kb / 7P
   2.3 8X8 DOT MATRIX DISPLAYS
logo
Rohm
LM-2256 ROHM-LM-2256_1 Datasheet
146Kb / 5P
   16 x 16 matrix displays
logo
QT Optoelectronics
GMA7175CA QT-GMA7175CA Datasheet
508Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com