Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60121PWPR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS60121PWPR
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60121PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60121PWPR Datasheet HTML 6Page - Texas Instruments TPS60121PWPR Datasheet HTML 7Page - Texas Instruments TPS60121PWPR Datasheet HTML 8Page - Texas Instruments TPS60121PWPR Datasheet HTML 9Page - Texas Instruments TPS60121PWPR Datasheet HTML 10Page - Texas Instruments TPS60121PWPR Datasheet HTML 11Page - Texas Instruments TPS60121PWPR Datasheet HTML 12Page - Texas Instruments TPS60121PWPR Datasheet HTML 13Page - Texas Instruments TPS60121PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at CI = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, TC = –40°C to 85°C, VI = 2 V,
VFB = VO and V(ENABLE) = VI (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PGTRIP)
Power-good trip voltage
TPS60121, TPS60123,
TPS60125
TC = 0°C to 70°C
0.86
×
VO
0.90
×
VO
0.94
×
VO
V
Vhys(PG)
Power-good trip voltage
hysteresis
TPS60121, TPS60123,
TPS60125
VO ramping negative,
TCA = 0°C to 70°C
0.8%
VO(PG)
Power-good output
voltage low (see Note 2)
TPS60121, TPS60123,
TPS60125
VO = 0 V, I(PG,SINK) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage
current
TPS60121, TPS60123,
TPS60125
VO = 3.3 V, V(PG) = 3.3 V
0.01
0.1
µA
NOTE 2: During start-up the LBO and PG output signal is invalid for the first 500
µs.
PARAMETER MEASUREMENT INFORMATION
IN
IN
LBI
C1+
C1–
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2–
Ci
10
µF
C2
2.2
µF
C1
2.2
µF
R1
R2
Off/On
R3
TPS6012x
Co
2 x 10
µF
Used capacitor types:
Ci: Ceramic, X7R
Co: Ceramic, X7R
C1, C2: Ceramic, X7R
Figure 5. Circuit Used For Typical Characteristics Measurements
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output Current (TPS60120, TPS60122, and TPS60124)
6, 7, 8
η
Efficiency
vs Input Voltage (TPS60120, TPS60122, and TPS60124)
9, 10, 11
I
Supply Current
vs Input Voltage
12
VO
Output Voltage
vs Output Current (TPS60120, TPS60122, and TPS60124)
13, 14, 15
VO
Output Voltage
vs Input Voltage (TPS60120, TPS60122, and TPS60124)
16, 17, 18
VO
Output Voltage Ripple
vs Time
19, 20, 21
VPP
Output Voltage Ripple Amplitude
vs Input Voltage
22
f(OSC)
Oscillator Frequency
vs Input Voltage
23
Load Transient Response
24
Line Transient Response
25
VO
Output Voltage
vs Time (Start-Up Timing)
26


Similar Part No. - TPS60121PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60121PWPR TI-TPS60121PWPR Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60121PWPRG4 TI-TPS60121PWPRG4 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60121PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com