Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR01MZPF Datasheet(PDF) 1 Page - Rohm

Part # MCR01MZPF
Description  Thick film rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR01MZPF Datasheet(HTML) 1 Page - Rohm

  MCR01MZPF Datasheet HTML 1Page - Rohm MCR01MZPF Datasheet HTML 2Page - Rohm MCR01MZPF Datasheet HTML 3Page - Rohm MCR01MZPF Datasheet HTML 4Page - Rohm MCR01MZPF Datasheet HTML 5Page - Rohm MCR01MZPF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCR01
Resistors
Rev.B
1/5
Thick film rectangular
MCR01 (1005 size : 1 / 16W
)
Features
1) Extremely small light
Area ratio is 60% smaller than that of chip 1608, while weight ratio has been cut 75%.
2) Highly reliable chip resistor
Ruthenium oxide dielectric offers superior resistance to the elements.
3) Electrodes not corroded by soldering
Thick film makes the electrodes very strong.
4) Flat surface further facilitates mounting
Mounting can also be automated.
5) ROHM resistors have approved ISO–9001 certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the
product before using or ordering it.
Ratings
0.063W (1 / 16W)
−55°C to +155°C
at 70
°C
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
Item
Conditions
Specifications
Rated power
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
Rated voltage
Limiting element voltage
50V
Operating temperature
Nominal resistance
See Table 1.
0
20
40
60
80
100
−55
0
70
100
125
155
AMBIENT TEMPERATURE (
°C)
Fig.1


Similar Part No. - MCR01MZPF

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01MZPF ROHM-MCR01MZPF Datasheet
93Kb / 6P
   Thick film rectangular
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF100 ROHM-MCR01MZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR01MZPF

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
MCR18 ROHM-MCR18_1 Datasheet
85Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR10 ROHM-MCR10 Datasheet
98Kb / 5P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR18EZHJ000 ROHM-MCR18EZHJ000 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHJ115 ROHM-MCR18EZHJ115 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHJ680 ROHM-MCR10EZHJ680 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com