Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR01MZPD Datasheet(PDF) 2 Page - Rohm

Part # MCR01MZPD
Description  Thick film rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR01MZPD Datasheet(HTML) 2 Page - Rohm

  MCR01MZPD Datasheet HTML 1Page - Rohm MCR01MZPD Datasheet HTML 2Page - Rohm MCR01MZPD Datasheet HTML 3Page - Rohm MCR01MZPD Datasheet HTML 4Page - Rohm MCR01MZPD Datasheet HTML 5Page - Rohm MCR01MZPD Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR01
Resistors
Rev.B
2/5
Max. 50m
1A
−55°C to +155°C
Resistance
Rated current
Operating temperature
Jumper type
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm /
°C)
Table 1
F (
±1%)
J (
±5%)
10
≤R≤2.2M (E24)
(E24)
(E24)
±100
D (
±0.5%)
10
≤R<91
(E24)
±100
100
≤R≤1M (E24)
±50
±200
10
≤R≤10M
1.0
≤R<10
+500 / −250
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level loads), be certain to
evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with
a steady state voltage that is greater than its rated voltage.
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Jumper type
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
Max. 50m
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
Max. 50m
Max. 50m
J :
±5%
F :
±1%
D :
±0.5%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
Max. 50m
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
+25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
Max. 50m
Max. 50m
Max. 50m
Max. 50m
Max. 50m
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
JIS C 5201-1 4.25.3
125
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C, Immersion cleaning, 5±0.5min.
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Limiting Element Voltage
×2 : 100V


Similar Part No. - MCR01MZPD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01MZPD ROHM-MCR01MZPD Datasheet
93Kb / 6P
   Thick film rectangular
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR01MZPD100 ROHM-MCR01MZPD100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR01MZPD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
MCR18 ROHM-MCR18_1 Datasheet
85Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR10 ROHM-MCR10 Datasheet
98Kb / 5P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR18EZHJ000 ROHM-MCR18EZHJ000 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHJ115 ROHM-MCR18EZHJ115 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHJ680 ROHM-MCR10EZHJ680 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com