Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79630DCQRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS79630DCQRG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79630DCQRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79630DCQRG4 Datasheet HTML 5Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 6Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 7Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 8Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 9Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 10Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 11Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 12Page - Texas Instruments TPS79630DCQRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
Regulator Protection
R1 +
V
OUT
V
REF
*1
R2
(2)
C1 +
(3 x 10–7) x (R1 ) R2)
(R1 x R2)
(3)
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
C1
GND
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
TPS79601
1
µF
1.8 V
3.6V
14.0 k
57.9 k
30.1 k
30.1 k
33 pF
15 pF
2.2
µF
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
The recommended design procedure is to choose
R2 = 30.1k
Ω to set the divider current at 40µA, C1 =
The TPS796xx PMOS-pass transistor has a built-in
15pF for stability, and then calculate R1 using
back diode that conducts reverse current when the
Equation 2:
input voltage drops below the output voltage (e.g.,
during power-down). Current is conducted from the
output to the input and is not internally limited. If
extended reverse voltage operation is anticipated,
external limiting might be appropriate.
In order to improve the stability of the adjustable
version, it is suggested that a small compensation
The TPS796xx features internal current limiting and
capacitor be placed between OUT and FB. The
thermal protection. During normal operation, the
approximate value of this capacitor can be calculated
TPS796xx limits output current to approximately
as Equation 3:
2.8A. When current limiting engages, the output
voltage scales back linearly until the overcurrent
condition ends. While current limiting is designed to
prevent gross device failure, care should be taken
The suggested value of this capacitor for several
not to exceed the power dissipation ratings of the
resistor ratios is shown in the table below (see
package. If the temperature of the device exceeds
Figure 23). If this capacitor is not used (such as in a
approximately +165
°C, thermal-protection circuitry
unity-gain
configuration)
then
the
minimum
shuts it down. Once the device has cooled down to
recommended output capacitor is 2.2
µF instead of
below approximately +140
°C, regulator operation
1
µF.
resumes.
Figure 23. TPS79601 Adjustable LDO Regulator Programming
9
Submit Documentation Feedback


Similar Part No. - TPS79630DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79630DCQR TI-TPS79630DCQR Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79630DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com