Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNR32 Datasheet(PDF) 1 Page - Rohm

Part # MNR32
Description  Chip resistor networks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MNR32 Datasheet(HTML) 1 Page - Rohm

  MNR32 Datasheet HTML 1Page - Rohm MNR32 Datasheet HTML 2Page - Rohm MNR32 Datasheet HTML 3Page - Rohm MNR32 Datasheet HTML 4Page - Rohm MNR32 Datasheet HTML 5Page - Rohm MNR32 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MNR32
Resistors
Rev.B
1/5
Chip resistor networks
MNR32 (1206
×2 size)
Features
1) Convex electrodes
Easy to check the fillet after soldering is finished.
2) Compatible with a wide range of mounting equipment.
Squared corners make it excellent for mounting using image recognition devices.
3) High-density mounting
Can be mounted even more densely than two 1206 chips (MCR18). Also, the number of parts and costs of mounting
have been reduced.
4) ROHM resistors have approved ISO-9001 certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with
the product before using or ordering it.
Ratings
Item
Conditions
Specifications
0.125W (1 / 8W)
Rated power
Rated voltage
Operating temperature
Nominal resistance
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
−55°C to 125°C
at 70
°C
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
Limiting element voltage
200V
See Table 1.
0
20
40
60
80
100
−55
0
70
100
125
AMBIENT TEMPERATURE (
°C)
Fig.1


Similar Part No. - MNR32

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR32 ROHM-MNR32 Datasheet
248Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MNR32 ROHM-MNR32 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR32J0ABF105 ROHM-MNR32J0ABF105 Datasheet
180Kb / 7P
   Chip Resistor Networks
MNR32J0ABJ105 ROHM-MNR32J0ABJ105 Datasheet
180Kb / 7P
   Chip Resistor Networks
More results

Similar Description - MNR32

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-D10C562J PANASONIC-EXB-D10C562J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-Q16P472J PANASONIC-EXB-Q16P472J Datasheet
112Kb / 2P
   Chip Resistor Networks
EXB-A10E104J PANASONIC-EXB-A10E104J Datasheet
112Kb / 2P
   Chip Resistor Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com