Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAA5060SUREVGEC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AAA5060SUREVGEC
Description  5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAA5060SUREVGEC Datasheet(HTML) 3 Page - Kingbright Corporation

  AAA5060SUREVGEC Datasheet HTML 1Page - Kingbright Corporation AAA5060SUREVGEC Datasheet HTML 2Page - Kingbright Corporation AAA5060SUREVGEC Datasheet HTML 3Page - Kingbright Corporation AAA5060SUREVGEC Datasheet HTML 4Page - Kingbright Corporation AAA5060SUREVGEC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAD0905
REV NO: V.5
DATE: MAR/14/005
PAGE: 3 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1201000783
AAA5060SUREVGEC
Hyper Red


Similar Part No. - AAA5060SUREVGEC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAA5060SURVGAPBEC KINGBRIGHT-AAA5060SURVGAPBEC Datasheet
274Kb / 7P
   5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
More results

Similar Description - AAA5060SUREVGEC

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2CRBGG82W SUNLED-ZM2CRBGG82W Datasheet
239Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AAA5060SYEVGEC KINGBRIGHT-AAA5060SYEVGEC Datasheet
199Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CRCY82W SUNLED-ZM2CRCY82W Datasheet
241Kb / 5P
   5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AAA5060SEEVGAPBEC KINGBRIGHT-AAA5060SEEVGAPBEC Datasheet
265Kb / 7P
   5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
AAA5060SURVGAPBEC KINGBRIGHT-AAA5060SURVGAPBEC Datasheet
274Kb / 7P
   5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CY82W SUNLED-ZM2CY82W Datasheet
191Kb / 4P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AAAF5060BESEEVGA KINGBRIGHT-AAAF5060BESEEVGA Datasheet
245Kb / 7P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAAF5060BESUVGAC KINGBRIGHT-AAAF5060BESUVGAC Datasheet
239Kb / 7P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAF5060PBESEEVGA KINGBRIGHT-AAF5060PBESEEVGA Datasheet
197Kb / 6P
   5.0mm x 6.0mm FULL COLOR LED LAMP
AAF5060PBESURVGA KINGBRIGHT-AAF5060PBESURVGA Datasheet
202Kb / 6P
   5.0mm x 6.0mm FULL COLOR LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com