Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T431616D-5CG Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T431616D-5CG
Description  1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T431616D-5CG Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T431616D-5CG Datasheet HTML 7Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 8Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 9Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 10Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 11Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 12Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 13Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 14Page - Taiwan Memory Technology T431616D-5CG Datasheet HTML 15Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
TE
CH
tm
T431616D/E
TM Technology Inc. reserves the right
P. 11
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
6
Write and AutoPrecharge command (refer to the following figure)
(RAS# = "H", CAS# = "L", WE# = "L", A11 = “V”, A10 = "H", A0-A7 = Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after the write
operation. Once this command is given, any subsequent command can not occur within a time delay of {(burst
length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is performed in this command and the
auto precharge function is ignored.
CLK
COMM AND
T0
T1
T2T3
T4T5
T6T7
T8
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DIN A0
DIN A1
CAS# latency=1
tCK1, DQ's
CAS# latency=2
tCK2, DQ's
CAS# latency=3
tCK3, DQ's
DIN A0
DIN A1
DIN A0
DIN A1
tDAL
*
*
*
tDAL= tWR + tRP
* Begin AutoPrecharge
Bank can be reactivated at completion of
tDAL
Bank A
Activate
Write A
AutoPrecharge
tDAL
tDAL
Burst Write with Auto-Precharge (Burst Length = 2, CAS# Latency = 1, 2, 3)
7
Mode Register Set command
(RAS# = "L", CAS# = "L", WE# = "L", A11 = “V”, A10 = “V”, A0-A9 = Register Data)
The mode register stores the data for controlling the various operating modes of SDRAM. The Mode
Register Set command programs the values of CAS# latency, Addressing Mode and Burst Length in the Mode
register to make SDRAM useful for a variety of different applications. The default values of the Mode Register
after power-up are undefined; therefore this command must be issued at the power-up sequence. The state of pins
A0~A9 and A11 in the same cycle is the data written to the mode register. One clock cycle is required to
complete the write in the mode register (refer to the following figure). The contents of the mode register can be
changed using the same command and the clock cycle requirements during operation as long as both banks are in
the idle state.


Similar Part No. - T431616D-5CG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616A TMT-T431616A Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7C TMT-T431616A-7C Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7CI TMT-T431616A-7CI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7S TMT-T431616A-7S Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7SI TMT-T431616A-7SI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
More results

Similar Description - T431616D-5CG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com