Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T431616D-6S Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T431616D-6S
Description  1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T431616D-6S Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T431616D-6S Datasheet HTML 1Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 2Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 3Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 4Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 5Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 6Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 7Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 8Page - Taiwan Memory Technology T431616D-6S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
TE
CH
tm
T431616D/E
TM Technology Inc. reserves the right
P. 4
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
Pin Descriptions (Table 1. Pin Details of T431616D/E)
Symbol
Type
Description
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input signals are sampled on the positive
edge of CLK. CLK also increments the internal burst counter and controls the output registers.
CKE
Input
Clock Enable: CKE activates(HIGH) and deactivates(LOW) the CLK signal. If CKE goes low
synchronously with clock(set-up and hold time same as other inputs), the internal clock is
suspended from the next clock cycle and the state of output and burst address is frozen as long as
the CKE remains low. When both banks are in the idle state, deactivating the clock controls the
entry to the Power Down and Self Refresh modes. CKE is synchronous except after the device
enters Power Down and Self Refresh modes, where CKE becomes asynchronous until exiting the
same mode. The input buffers, including CLK, are disabled during Power Down and Self Refresh
modes, providing low standby power.
A11
Input
Bank Select: A11(BS) defines to which bank the BankActivate, Read, Write, or BankPrecharge
command is being applied.
A0-A10
Input
Address Inputs: A0-A10 are sampled during the BankActivate command (row address A0-A10)
and Read/Write command (column address A0-A7 with A10 defining Auto Precharge) to select
one location out of the 256K available in the respective bank. During a Precharge command, A10
is sampled to determine if both banks are to be precharged (A10 = HIGH). The address inputs also
provide the op-code during a Mode Register Set command.
CS#
Input
Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the command decoder.
All commands are masked when CS# is sampled HIGH. CS# provides for external bank selection
on systems with multiple banks. It is considered part of the command code.
RAS#
Input
Row Address Strobe: The RAS# signal defines the operation commands in conjunction with the
CAS# and WE# signals and is latched at the positive edges of CLK. When RAS# and CS# are
asserted "LOW" and CAS# is asserted "HIGH," either the BankActivate command or the
Precharge command is selected by the WE# signal. When the WE# is asserted "HIGH," the
BankActivate command is selected and the bank designated by BS is turned on to the active state.
When the WE# is asserted "LOW," the Precharge command is selected and the bank designated by
BS is switched to the idle state after the precharge operation.
CAS#
Input
Column Address Strobe: The CAS# signal defines the operation commands in conjunction with
the RAS# and WE# signals and is latched at the positive edges of CLK. When RAS# is held
"HIGH" and CS# is asserted "LOW," the column access is started by asserting CAS# "LOW."
Then, the Read or Write command is selected by asserting WE# "LOW" or "HIGH."
WE#
Input
Write Enable: The WE# signal defines the operation commands in conjunction with the RAS#
and CAS# signals and is latched at the positive edges of CLK. The WE# input is used to select the
BankActivate or Precharge command and Read or Write command.
LDQM,
UDQM
Input
Data Input/Output Mask: LDQM and UDQM are byte specific, nonpersistent I/O buffer
controls. The I/O buffers are placed in a high-z state when LDQM/UDQM is sampled HIGH.
Input data is masked when LDQM/UDQM is sampled HIGH during a write cycle. Output data is
masked (two-clock latency) when LDQM/UDQM is sampled HIGH during a read cycle. UDQM
masks DQ15-DQ8, and LDQM masks DQ7-DQ0.
DQ0-DQ15
Input/Output Data I/O: The DQ0-15 input and output data are synchronized with the positive edges of CLK.
The I/Os are byte-maskable during Reads and Writes.
NC
-
No Connect: These pins should be left unconnected.
VDDQ
Supply
DQ Power: Provide isolated power to DQs for improved noise immunity. ( 3.3V
± 0.3V )
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity. ( 0 V )
VDD
Supply
Power Supply: +3.3V
± 0.3V
VSS
Supply
Ground


Similar Part No. - T431616D-6S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616A TMT-T431616A Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7C TMT-T431616A-7C Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7CI TMT-T431616A-7CI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7S TMT-T431616A-7S Datasheet
1Mb / 31P
   1M x 16 SDRAM????
T431616A-7SI TMT-T431616A-7SI Datasheet
1Mb / 31P
   1M x 16 SDRAM????
More results

Similar Description - T431616D-6S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com