Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOV-S14K17G5 Datasheet(PDF) 3 Page - EPCOS

Part # SIOV-S14K17G5
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S14K17G5 Datasheet(HTML) 3 Page - EPCOS

  SIOV-S14K17G5 Datasheet HTML 1Page - EPCOS SIOV-S14K17G5 Datasheet HTML 2Page - EPCOS SIOV-S14K17G5 Datasheet HTML 3Page - EPCOS SIOV-S14K17G5 Datasheet HTML 4Page - EPCOS SIOV-S14K17G5 Datasheet HTML 5Page - EPCOS SIOV-S14K17G5 Datasheet HTML 6Page - EPCOS SIOV-S14K17G5 Datasheet HTML 7Page - EPCOS SIOV-S14K17G5 Datasheet HTML 8Page - EPCOS SIOV-S14K17G5 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
208 04/02
Assignment of taping mode to reel type
Taping modes G2, G3, G4, GA and G2A: delivery upon request.
If reel type III is not compatible with insertion equipment because of its large diameter, type series
S10 and S14 can be supplied on reel II upon request (taping mode G3).
1) “1” is omitted.
Taping mode
Reel type
Seating plane height H0
for crimped types
mm
Seating plane height H
for uncrimped types
mm
G1)
I
16
18
G2
I
18
G3
II
16
18
G4
II
18
G5
III
16
18
GA
Ammopack
16
18
G2A
Ammopack
18
Reel dimensions (in mm)
Reel type
df
n
w
I
II
III
360 max.
360 max.
500 max.
31
± 1
31
± 1
23
± 1
approx. 45
approx. 55
approx. 59
54 max.
64 max.
72 max.
Reel
Tape
Taping
Leaded Varistors


Similar Part No. - SIOV-S14K17G5

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S14K17 EPCOS-SIOV-S14K17 Datasheet
140Kb / 16P
   Leaded Varistors
SIOV-S14K17 EPCOS-SIOV-S14K17 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
SIOV-S14K175E2 EPCOS-SIOV-S14K175E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
SIOV-S14K175E2K11 TDK-SIOV-S14K175E2K11 Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
SIOV-S14K17AUTO EPCOS-SIOV-S14K17AUTO Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
More results

Similar Description - SIOV-S14K17G5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com