Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACSA02-41PBWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # ACSA02-41PBWA
Description  ACSA02-41PBWA/A-F01
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSA02-41PBWA Datasheet(HTML) 3 Page - Kingbright Corporation

  ACSA02-41PBWA Datasheet HTML 1Page - Kingbright Corporation ACSA02-41PBWA Datasheet HTML 2Page - Kingbright Corporation ACSA02-41PBWA Datasheet HTML 3Page - Kingbright Corporation ACSA02-41PBWA Datasheet HTML 4Page - Kingbright Corporation ACSA02-41PBWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAG0260
REV NO: V.2
DATE: MAR/22/2006
PAGE: 3 OF 5
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: W.J.ZHU
ERP: 1351000416
Blue
ACSA02-41PBWA/A-F01


Similar Part No. - ACSA02-41PBWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACSA02-41CGKWA-F01 KINGBRIGHT-ACSA02-41CGKWA-F01 Datasheet
283Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41CGKWA-F01 KINGBRIGHT-ACSA02-41CGKWA-F01_15 Datasheet
212Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SEKWA-F01 KINGBRIGHT-ACSA02-41SEKWA-F01 Datasheet
283Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SGWA-F01 KINGBRIGHT-ACSA02-41SGWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACSA02-41PBWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBD3224SURKCGKC-F01 KINGBRIGHT-APBD3224SURKCGKC-F01 Datasheet
325Kb / 6P
   APBD3224SURKCGKC-F01
logo
FCI connector
7334L26XXF01 FCI-CONNECTOR-7334L26XXF01 Datasheet
224Kb / 2P
   L26 TYPE F01
logo
ATGBICS by Approved Tec...
40GB-F01-QSFP-C ATGBICS-40GB-F01-QSFP-C Datasheet
245Kb / 9P
   40GB-F01-QSFP Enterasys Compatible Active Optical Cable 40G QSFP (1m)
logo
Ulti-Mate Connector Inc
SD-434311071 ULTI-MATE-SD-434311071 Datasheet
197Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, LOW-PROFILE, APR09P0-26E5-18.0-F01-S01-HT
12/8/17
logo
ATGBICS by Approved Tec...
10GB-F01-SFPP-C ATGBICS-10GB-F01-SFPP-C Datasheet
397Kb / 6P
   10GB-F01-SFPP Extreme Compatible Active Optical Cable 10G SFP (1m)
logo
Ulti-Mate Connector Inc
SD-434310071 ULTI-MATE-SD-434310071 Datasheet
216Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, LOW-PROFILE, APR09P0-26E5-18.0-F01-HT
11/15/17
SD-434221900 ULTI-MATE-SD-434221900 Datasheet
184Kb / 1P
   CONNECTOR ASSEMBLY, HIGH TEMP, MR15S0-26M5-60.0-F01-S01-HT, SPECIAL
7/28/15
SD-836121011 ULTI-MATE-SD-836121011 Datasheet
116Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CM18R15P0-F01-S01, FLOAT MOUNTS, NICKEL PLATED SHELL
6/23/14
SD-834170071 ULTI-MATE-SD-834170071 Datasheet
276Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, "MR" SERIES, MR51-3P0-26E5-18.0-F01
1/24/2019
SD-836150711 ULTI-MATE-SD-836150711 Datasheet
145Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CM16R31P0-F01, FLOAT MOUNTS, .109 LEADS, CADMIUM PLATED
8/4/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com