Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S0300K551 Datasheet(PDF) 7 Page - EPCOS

Part # B72214S0300K551
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0300K551 Datasheet(HTML) 7 Page - EPCOS

Back Button B72214S0300K551 Datasheet HTML 3Page - EPCOS B72214S0300K551 Datasheet HTML 4Page - EPCOS B72214S0300K551 Datasheet HTML 5Page - EPCOS B72214S0300K551 Datasheet HTML 6Page - EPCOS B72214S0300K551 Datasheet HTML 7Page - EPCOS B72214S0300K551 Datasheet HTML 8Page - EPCOS B72214S0300K551 Datasheet HTML 9Page - EPCOS B72214S0300K551 Datasheet HTML 10Page - EPCOS B72214S0300K551 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
212 04/02
Standard crimp styles
Crimp style S2)
Crimp style S3
Crimp style S2
Crimp style S4
Crimp style S5
2) “1” is omitted.
Missing dimensions are shown on page 169 ff.
Type
SIOV-
mm
hmax
mm
S05K11 … 175(E2)S2
5,0
10,0
S05K210 … 460(E2)S3
5,0
10,0
S07K11 … 175(E2)S2
5,0
12,0
S07K210 … 460(E2)S3
5,0
12,0
S10K11 … 300(E2)S5
7,5
15,5
S10K320 … 460(E2)(S3)(S5)
7,5
16,5
S10K510(E2)(S3)(S5)
7,5
17,5
S10 … AUTOS5
7,5
17,0
S10 … AUTOD1S5
7,5
16,0
S10K11 … 175(E2)S4R5
5,0
16,5
S10K210 … 460(E2)S3R5
5,0
16,5
S14K11 … 300(E2)S5
7,5
20,0
S14K320 … 460(E2)(S3)(S5)
7,5
20,0
S14K510(E2)(S3)(S5)
7,5
21,5
S14 … AUTOS5
7,5
21,0
S14 … AUTOD1S5
7,5
20,0
S20K11 … 320(E2)(E3)S5
10,0
27,0
S20K385 … 510(E2)S5
10,0
27,5
VAR0412-N
b
s
1)
e
1) Seating plane according to IEC 60717
ød
a
b
s
e
ød
1)
Seating plane according to IEC 60717
b
s
1)
e
a
ød
b
s
1)
e
ød
1) Seating plane according to IEC
VAR0411-F
VAR0411-F
VAR0396-R
VAR0403-O
VAR0404-W
b
s
1)
e
ød
1) Seating plane according to IEC 60717
1) Seating plane according to IEC 60717
Taping
Leaded Varistors


Similar Part No. - B72214S0300K551

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0300K101 EPCOS-B72214S0300K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0300K101 EPCOS-B72214S0300K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0300K101 EPCOS-B72214S0300K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0300K101 EPCOS-B72214S0300K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0300K101 EPCOS-B72214S0300K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0300K551

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com