Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S0350K551 Datasheet(PDF) 4 Page - EPCOS

Part # B72214S0350K551
Description  Leaded Varistors Taping
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0350K551 Datasheet(HTML) 4 Page - EPCOS

  B72214S0350K551 Datasheet HTML 1Page - EPCOS B72214S0350K551 Datasheet HTML 2Page - EPCOS B72214S0350K551 Datasheet HTML 3Page - EPCOS B72214S0350K551 Datasheet HTML 4Page - EPCOS B72214S0350K551 Datasheet HTML 5Page - EPCOS B72214S0350K551 Datasheet HTML 6Page - EPCOS B72214S0350K551 Datasheet HTML 7Page - EPCOS B72214S0350K551 Datasheet HTML 8Page - EPCOS B72214S0350K551 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
209 04/02
Ammopack dimensions
VAR0402-G
Bamboo sticks,
carton
Cardboard folding
340 × 226 × 55 mm
Paper adhesive tape,
width 50 mm
Paper adhesive tape,
width 50 mm
340
226
Label
Taping
Leaded Varistors


Similar Part No. - B72214S0350K551

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S0350K101 EPCOS-B72214S0350K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0350K551

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com