Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZP4NN3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TZP4NN3
Description  Pigtailed PD for analog application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TZP4NN3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TZP4NN3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TZP4NN3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TZP4NN3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TZP4NN3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Teradian Inc.
- 1 / 4 -
DS-TP-110-Rev01
2004-07-14
Pigtailed PD for analog application
TAP4NN3 series
Long wavelength InGaAs PIN-PD
Detection wavelength range of 1.1µm
to 1.6µm
SMF or MMF Pigtailed
SC, FC, ST, or LC Connector
Family Model
TAP4NN3
TZP4NN3
TBP4NN3
Features
InGaAs long wavelength PIN photodiode
Operation at 1310nm & 1550nm
High responsivity, low dark current and low capacitance
Operating temperature ; -40℃ to +85℃
Single-mode fiber or multimode fiber pigtailed with SC or FC connector
Description
The TxP4NN3 series is a reliable InGaAs PIN photodiode module pigtailed with SMF or MMF.
The parts of pigtailed PD module – single-mode fiber, lens and photodiode - are actively
aligned by high power YAG laser welding method. This packaging guarantees high detector
responsivity and low deviation over a wide temperature range(0℃ to +70℃/-40℃ to +85℃),
and provides high optical performance for ITU-T G.651 and G.652 standard optical fiber..
Applications
Used in telecommunication and data communication systems, from medium to high speed
for intra-office, short-haul inter-office and long-haul inter-office applications.
Analog application(for CATV Return Path-TAP4NN3, for CATV Forward Path-TZP4NN3,
for Wireless fiber optic Repeater-TBP4NN3)
SCM(Sub-Carrier Multiplexing) Transmission
Subscriber loops
Private optical networks


Similar Description - TZP4NN3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com