Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVRG4
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2471CDBVRG4 Datasheet HTML 6Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 7Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 8Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 9Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 10Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 11Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 12Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 13Page - Texas Instruments TLV2471CDBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−800
−600
−400
−200
0
200
400
600
−0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD = 3V
TA = +25° C
VICR − Common-Mode Input Voltage − V
−800
−600
−400
−200
0
200
400
600
−0.5
0.5
1.5
2.5
3.5
4.5
5.5
VDD = 5V
TA = +25 °C
VICR − Common-Mode Input Voltage − V
−10
0
10
20
30
40
50
−55 −35 −15
5
25
45
65
85 105 125
TA − Free-Air Temperature − °C
IIB
IIO
VDD = 3V
−10
0
10
20
30
40
50
−55 −35 −15
5
25
45
65
85 105 125
TA − Free-Air Temperature − °C
IIB
IIO
VDD = 5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
IOH − High-Level Output Current − mA
VDD = 3V
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
IOL − Low-Level Output Current − mA
VDD = 3V
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
IOL − Low-Level Output Current − mA
VDD = 5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100 120 140 160
IOH − High-Level Output Current − mA
VDD = 5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
f − Frequency − Hz
100
1k
10k
100k
1M
10M
0.1
0.01
1000
10
1
100
AV = 10
VDD = 3V, 5V
TA = +25°C
AV = 100
AV = 1
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
INPUT BIAS AND INPUT OFFSET
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
CURRENTS
vs
vs
vs
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
FREE-AIR TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
INPUT BIAS AND INPUT OFFSET
CURRENTS
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
OUTPUT IMPEDANCE
vs
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback


Similar Part No. - TLV2471CDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471CDBVRG4 TI-TLV2471CDBVRG4 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDBVRG4 TI-TLV2471CDBVRG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDBVRG4 TI1-TLV2471CDBVRG4 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2471CDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com