Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT330N Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TT330N
Description  Netz-Thyristor-Modul Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TT330N Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TT330N_1 Datasheet HTML 4Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 5Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 6Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 7Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 8Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 9Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 10Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 11Page - List of Unclassifed Manufacturers TT330N_1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT330N
BIP AC / MOD-MA; 27.11.97 R.Jörke
A 122/97
8/12
Seite/page
Maximaler Strom bei B2 und B6
0
400
800
1200
1600
2000
10
30
50
70
90
110
130
T A [°C]
RthCA [°C/W]
0,08
0,30
0,40
0,10
0,04
0,15
+
-
B2
I
D
~
0,03
0,02
0,05
0,06
0,20
0,12
0,60
0
100
200
300
400
500
600
700
I D [A]
L-Last
L-load
R-Last
R-load
Höchstzulässiger Ausgangsstrom / Maximum rated output current ID
B2- Zweipuls-Brückenschaltung / Two-pulse bridge circuit
Gesamtverlustleistung der Schaltung / Total power dissipation at circuit Ptot
Parameter:
Wärmewiderstand zwischen den Gehäusen und Umgebung / Thermal resistance cases to ambient RthCA
0
500
1000
1500
2000
2500
10
30
50
70
90
110
130
T A [°C]
0,08
0,10
0,06
0,40
0,03
+
-
B6
I
D
3~
R thCA [°C/W]
0,30
0,60
0,04
0,20
0,02
0,15
,
0,05
0
200
400
600
800
1000
ID [A]
Höchstzulässiger Ausgangsstrom / Maximum rated output current ID
B6- Sechspuls-Brückenschaltung / Six-pulse bridge circuit
Gesamtverlustleistung der Schaltung / Total power dissipation at circuit Ptot
Parameter:
Wärmewiderstand zwischen den Gehäusen und Umgebung / Thermal resistance cases to ambient RthCA


Similar Part No. - TT330N_1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT330N16AOF INFINEON-TT330N16AOF Datasheet
665Kb / 11P
   TT330N16AOF
Revision: 3.5
TT330N16KOF INFINEON-TT330N16KOF Datasheet
427Kb / 11P
   Pressure contact technology for high reliability
More results

Similar Description - TT330N_1

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TZ150N EUPEC-TZ150N Datasheet
461Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
logo
eupec GmbH
TZ375N EUPEC-TZ375N Datasheet
460Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com