Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM23ESGW Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AM23ESGW
Description  SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM23ESGW Datasheet(HTML) 1 Page - Kingbright Corporation

  AM23ESGW Datasheet HTML 1Page - Kingbright Corporation AM23ESGW Datasheet HTML 2Page - Kingbright Corporation AM23ESGW Datasheet HTML 3Page - Kingbright Corporation AM23ESGW Datasheet HTML 4Page - Kingbright Corporation AM23ESGW Datasheet HTML 5Page - Kingbright Corporation AM23ESGW Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAD1252
REV NO: V.5
DATE: MAY/08/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1202000006
SOT-23 SURFACE MOUNT LED LAMP
Part Number: AM23ESGW
High Efficiency Red
Super Bright Green
Features
SOT-23 PACKAGE SURFACE MOUNT LED LAMP.
LOW POWER CONSUMPTION.
LONG LIFE - SOLID STATE RELIABILITY.
PACKAGE: 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge from the package.
4. Specifications are subject to change without notice.
5.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AM23ESGW

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AM23ESGW TO-GRACE-AM23ESGW Datasheet
901Kb / 4P
   SOT-23 Surface Mount LED Lamp
More results

Similar Description - AM23ESGW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
logo
Everlight Electronics C...
QTLP603CIWTR EVERLIGHT-QTLP603CIWTR Datasheet
1Mb / 7P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-T FAIRCHILD-QTLP670C-T Datasheet
178Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP601C-EB FAIRCHILD-QTLP601C-EB Datasheet
352Kb / 6P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com