Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD65N03RT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD65N03RT4G
Description  Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD65N03RT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD65N03RT4G Datasheet HTML 1Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 2Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 3Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 4Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 5Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 6Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 7Page - ON Semiconductor NTD65N03RT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD65N03R
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
2.5
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
80
Junction−to−Ambient − Steady State (Note 4)
RqJA
115
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
29.5
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
19.2
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
1.5
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
1.74
2.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
4.8
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 30 A
6.5
8.4
m
W
VGS = 4.5 V, ID = 30 A
9.7
14.6
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
27
mHos
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 20 V
1177
1400
pF
Output Capacitance
Coss
555
Reverse Transfer Capacitance
Crss
218
Total Gate Charge
QG(TOT)
VGS = 5.0 V, VDS = 10 V,
ID = 30 A
12.2
16
nC
Threshold Gate Charge
QG(TH)
1.5
Gate−to−Source Charge
QGS
2.95
Gate−to−Drain Charge
QGD
6.08
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 10 V, VDS = 25 V,
ID = 30 A, RG = 3.0 W
6.3
ns
Rise Time
tr
18.6
Turn−Off Delay Time
td(off)
20.3
Fall Time
tf
8.8
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 20 A
TJ = 25°C
0.85
1.1
V
TJ = 125°C
0.72
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 20 A
28.8
ns
Charge Time
ta
12.8
Discharge Time
tb
16
Reverse Recovery Time
QRR
20
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA= 25°C
2.49
nH
Drain Inductance
LD
0.02
Gate Inductance
LG
3.46
Gate Resistance
RG
1.75
W
3. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces).
4. Surface−mounted on FR4 board using the minimum recommended pad size (Cu area = 0.15 in sq [1 oz] including traces).
5. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD65N03RT4G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD65N03R-001 VBSEMI-NTD65N03R-001 Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD65N03R-035 VBSEMI-NTD65N03R-035 Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD65N03R-1G VBSEMI-NTD65N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD65N03R-35G VBSEMI-NTD65N03R-35G Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD65N03RT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com