Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD50N03R-1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD50N03R-1G
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD50N03R-1G Datasheet(HTML) 6 Page - ON Semiconductor

  NTD50N03R-1G Datasheet HTML 1Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 2Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 3Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 4Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 5Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 6Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 7Page - ON Semiconductor NTD50N03R-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD50N03R
http://onsemi.com
6
Figure 12. Thermal Response
t, TIME (s)
0.1
1.0
0.01
110
0.1
0.01
0.001
0.0001
0.00001
0.2
D = 0.5
0.1
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.05
0.01
SINGLE PULSE
0.02
ORDERING INFORMATION
Order Number
Package
Shipping
NTD50N03R
DPAK−3
75 Units / Rail
NTD50N03RG
DPAK−3
(Pb−Free)
75 Units / Rail
NTD50N03RT4
DPAK−3
2500 / Tape & Reel
NTD50N03RT4G
DPAK−3
(Pb−Free)
2500 / Tape & Reel
NTD50N03R−1
DPAK−3 Straight Lead
75 Units / Rail
NTD50N03R−1G
DPAK−3 Straight Lead
(Pb−Free)
75 Units / Rail
NTD50N03R−35
DPAK−3 Straight Lead Trimmed
(3.5
± 0.15 mm)
75 Units / Rail
NTD50N03R−35G
DPAK−3 Straight Lead Trimmed
(3.5
± 0.15 mm)
(Pb−Free)
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD50N03R-1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD50N03R-1G VBSEMI-NTD50N03R-1G Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD50N03R-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com