Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM30MD3-12H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM30MD3-12H
Description  MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM30MD3-12H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM30MD3-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM30MD3-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM30MD3-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM30MD3-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM30MD3-12H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI IGBT MODULES
CM30MD3-12H
MEDIUM POWER SWITCHING USE
FLAT-BASE TYPE, INSULATED TYPE
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
INVERTER PART
CONVERTER PART
Note 1. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter to collector free-wheel diode.
2. Pulse width and repetition rate should be such that the device junction temp. (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
5. Thermal resistance is specified under following conditions.
The conductive greese applied, between module and fin.
Al plate is used as fin.
Collector cutoff current
Gate-emitter
threshold voltage
Gate-emitter cutoff current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Emitter-collector voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
V
V
1
0.5
2.8
3.0
2.4
0.6
120
300
200
300
2.8
110
1.9
2.4
VCE = VCES, VGE = 0V
VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 150
°C
VCC = 300V, IC = 30A, VGE = 15V
VCC = 300V, IC = 30A
VGE1 = VGE2 = 15V
RG = 21
Resistive load
IE = 30A, VGE = 0V
IE = 30A, VGE = 0V
die / dt = – 60A /
µs
IGBT part, Per 1/6 module
FWDi part, Per 1/6 module
mA
µ A
nF
nF
nF
nC
ns
ns
ns
ns
V
ns
µ C
°C/W
°C/W
2.1
2.15
90
0.08
ICES
IGES
Cies
Coes
Cres
QG
td (on)
tr
td (off)
tf
VEC (Note. 1)
trr (Note. 1)
Qrr (Note. 1)
Rth(j-f)Q (Note. 5)
Rth(j-f)R (Note. 5)
Symbol
Parameter
Test conditions
VGE(th)
VCE(sat)
Limits
Min.
Typ.
Max.
Unit
6
4.5
7.5
IC = 3mA, VCE = 10V
IC = 30A, VGE = 15V
(Note. 4)
VCE = 10V
VGE = 0V
Repetitive reverse current
Forward voltage drop
Thermal resistance
VR = VRRM, Tj = 150
°C
IF = 40A
Per 1/4 module
mA
V
°C/W
IRRM
VFM
Rth(j-f) (Note. 5)
Symbol
Parameter
Condition
Limits
Min.
Typ.
Max.
Unit
8
1.6
1.7


Similar Part No. - CM30MD3-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM30MD3-12H POWEREX-CM30MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
More results

Similar Description - CM30MD3-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM20MD1-12H MITSUBISHI-CM20MD1-12H Datasheet
153Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM50MD1-12H MITSUBISHI-CM50MD1-12H Datasheet
127Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM15MD3-12H MITSUBISHI-CM15MD3-12H Datasheet
164Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM20MD3-12H MITSUBISHI-CM20MD3-12H Datasheet
139Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10MD3-12H MITSUBISHI-CM10MD3-12H Datasheet
377Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10MD1-12H MITSUBISHI-CM10MD1-12H Datasheet
144Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM15MD1-12H MITSUBISHI-CM15MD1-12H Datasheet
155Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10AD00-12H MITSUBISHI-CM10AD00-12H Datasheet
68Kb / 4P
   MEDIUM POWER SWITCHING USE FLAT BASE, INSULATED TYPE
CM50AD00-12H MITSUBISHI-CM50AD00-12H Datasheet
66Kb / 4P
   MEDIUM POWER SWITCHING USE FLAT BASE, INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com