Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1687GV Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC1687GV
Description  900 MHz SILICON RFIC DOWN CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC1687GV Datasheet(HTML) 3 Page - California Eastern Labs

  UPC1687GV Datasheet HTML 1Page - California Eastern Labs UPC1687GV Datasheet HTML 2Page - California Eastern Labs UPC1687GV Datasheet HTML 3Page - California Eastern Labs UPC1687GV Datasheet HTML 4Page - California Eastern Labs UPC1687GV Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OUTPUT POWER AND
INTERMODULATION DISTORTION
vs. INPUT POWER
CIRCUIT CURRENT vs.
SUPPLY VOLTAGE
Input Power (RF), PIN (dBm)
Each Tone
Supply Voltage, VCC (V)
1
2
3
4
5
6
50
40
30
20
10
0
VCC = 5 V
RF = 500 MHz
IF = 50 MHz
POUT
IM 3
-40
-20
0
+20
+20
0
-40
-20
UPC1687GV
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Internal
Pin
Pin
Equivalent
No.
Name
Description
Circuit
1
OSC Base
Input pins for the internal oscillator which consists
(bypass)
of a balanced amplifier. Pin 1 should be bypassed to ground
through a capacitor. Pins 2 and 3 should be externally
2
OSC Base
equipped with a tank resonator. Note that pin 3 is an open
(feedback)
collector and must be supplied voltage through an external
resistor or choke coil.
3
OSC
Collector (Coupling)
4VCC
Supply voltage pin. This pin should be externally equipped
with a bypass capacitor to minimize ground impedance.
5
IF Output
IF output pin from the single-ended push-pull amplifier.
This pin is an emitter follower output with a constant
resistive impedance of 50
Ω.
6
GND
Ground pin. This pin must be connected to system ground.
Form ground pattern as wide as possible to minimize
ground impedance.
7
RF Input 1
RF input pins. Pins 7 and 8 are each base inputs to a
(bypass)
double balanced mixer. Either pin can be assigned as the
input. The unused pin should be bypassed to ground
8
RF Input 2
through a capacitor.
PIN DESCRIPTION
3
2
1
VCC
to OSC
Buffer
Amp
VREF
5
VCC
IF
Output
from IF
Pre amp
RF
Inputs
VCC
from
OSC
Buffer
to IF
Amp


Similar Part No. - UPC1687GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1687GV NEC-UPC1687GV Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1687GV-E1 NEC-UPC1687GV-E1 Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results

Similar Description - UPC1687GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
   Silicon Bipolar RFIC 900 MHz Driver Amplifier
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
Tyco Electronics
SA65-0003 MACOM-SA65-0003 Datasheet
259Kb / 4P
   Down Converter, 1500 - 2000 MHz
logo
M/A-COM Technology Solu...
SA65-0003 MA-COM-SA65-0003 Datasheet
75Kb / 3P
   Down Converter, 1500 - 2000 MHz
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter 1500 - 2400 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com