Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBT41N3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TBT41N3
Description  Pigtailed PD for analog application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBT41N3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TBT41N3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TBT41N3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TBT41N3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TBT41N3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pigtailed PD for analog application
DataSheet TAP4NN3 Series
Teradian Inc.
- 4 / 4 -
DS-TP-110-Rev01
2004-07-14
-
TAP4xx3-xxxN
Fig.4 Pigtailed PD Package Dimensions [unit: mm]
Ordering Information
*Note 1 ;
- 220m with 62.5/125µm MMF @1.25Gbps
- 500m with 50/125µm MMF @1.25Gbps
- 200m with 62.5/125µm MMF @2.125Gbps
*Note 2 ; additional order information
- Connector type default is SC/PC and the default length of fiber is 1m
More Information
Teradian Inc.
Address
946, Dunsan-dong, Seo-gu, Daejeon, 302-120, Korea
Tel
+82-42-476-4800, 4803(Oversea Sales Team)
Fax
+82-42-476-4805
Homepage
http://www.teradian.com
e-mail
sales@teradian.com
Com
pany
Device Type
Wave-
length
Data rate
(PIN-TIA)
Volt.
(TIA)
Pin
Temp.
Range
Fiber Conne
ctor
Flang
e
T
A
P
4
N
N
3
-
I
S
N
H
Tera
dian
A;PD
for CATV
Return
path
Z;PD
for CATV
Forward
Path
B;PD
for
wireless
repeater
P;PIN
T;PIN-
TIA
A;APD
4;
1.3/1.5
8;
850nm
N; None
0; 51Mbps
1;155Mbps
4;622Mbps
8;1.25Gbps
G;2.5Gbps
N;
None
3;3.3V
5;5V
3;3pin
4;4pin
(diffe-
rential)
5;5pin
6;4pin
(single
ended)
I;Indoor
Use
(0~70℃)
O;Outdoor
Use
(-40~85℃)
S;SMF
M;MMF
N;None
S;SC
F;FC
T;ST
L;LC
N;
None
V;
Vertical
H;
Hori-
zontal


Similar Part No. - TBT41N3

ManufacturerPart #DatasheetDescription
logo
SICK AG
TBT-1AAG10253GZ SICK-TBT-1AAG10253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAG10253PZ SICK-TBT-1AAG10253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAG10503GZ SICK-TBT-1AAG10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAG11006GZ SICK-TBT-1AAG11006GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAG11506GZ SICK-TBT-1AAG11506GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
More results

Similar Description - TBT41N3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com