Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC221 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC221
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC221 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC221 Datasheet HTML 1Page - Texas Instruments CD54HC221 Datasheet HTML 2Page - Texas Instruments CD54HC221 Datasheet HTML 3Page - Texas Instruments CD54HC221 Datasheet HTML 4Page - Texas Instruments CD54HC221 Datasheet HTML 5Page - Texas Instruments CD54HC221 Datasheet HTML 6Page - Texas Instruments CD54HC221 Datasheet HTML 7Page - Texas Instruments CD54HC221 Datasheet HTML 8Page - Texas Instruments CD54HC221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 3)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All Inputs
0.3
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Input Pulse Width
A
tWL
2
70-
-90-
105
-
ns
4.5
14
-
-
18
-
21
-
ns
6
12-
-15-18
-
ns
Input Pulse Width
B
tWH
2
70-
-90-
105
-
ns
4.5
14
-
-
18
-
21
-
ns
6
12-
-15-18
-
ns
CD54HC221, CD74HC221, CD74HCT221


Similar Part No. - CD54HC221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI1-CD54HC221 Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
CD54HC221F TI-CD54HC221F Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221F TI-CD54HC221F Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
More results

Similar Description - CD54HC221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_08 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com