Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2757TB Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPC2757TB
Description  3 V, SUPER MINIMOLD SI MMIC DOWNCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2757TB Datasheet(HTML) 5 Page - California Eastern Labs

  UPC2757TB Datasheet HTML 1Page - California Eastern Labs UPC2757TB Datasheet HTML 2Page - California Eastern Labs UPC2757TB Datasheet HTML 3Page - California Eastern Labs UPC2757TB Datasheet HTML 4Page - California Eastern Labs UPC2757TB Datasheet HTML 5Page - California Eastern Labs UPC2757TB Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-192
Note:
Embossed Tape, 8 mm wide,
Pins 1, 2, 3 are in tape pull-out direction.
ORDERING INFORMATION
UPC2757TB, UPC2758TB
INTERNAL BLOCK DIAGRAM
APPLICATION EXAMPLE
Digital Cellular Telephone
DEMO
I
Q
Q
I
PLL
PLL
÷N
UPC2758TB
VCO
Low Noise Tr
SW
RX
PA
TX
90˚
ø
RF
input
IF
output
POWER
SAVE
LO
input
VCC
GND
UPC2757TB-E3-A
3K/Reel
UPC2758TB-E3-A
3K/Reel
PART NUMBER
QTY
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
10/24/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Note:
All dimensions are typical unless otherwise specified.
PACKAGE OUTLINE S06
OUTLINE DIMENSIONS
+0.1
-0.5
DOT ON
BACK SIDE
+0.1
-0.5
0 ~0.1
0.2
0.15
1
2
3
4
5
6
0.65
1.3
2.0±0.2
0.65
2.1±0.1
1.25±0.1
0.9 ± 0.1
0.7
Note:
Package Markings:
C1X: UPC2757TB
C1Y: UPC2758TB
(Top View)
(Bottom View)
LEAD CONNECTIONS
1. RF INPUT
2. GND
3. LO INPUT
4. PS
5. VCC
6. IF OUTPUT
3
2
1
4
5
6
3
2
1
4
5
6


Similar Part No. - UPC2757TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC2757TB NEC-UPC2757TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
Renesas Technology Corp
UPC2757TB RENESAS-UPC2757TB Datasheet
262Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
logo
NEC
UPC2757TB-E3 NEC-UPC2757TB-E3 Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
Renesas Technology Corp
UPC2757TB-E3 RENESAS-UPC2757TB-E3 Datasheet
262Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC2757TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
   3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
   5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2771TB CEL-UPC2771TB Datasheet
188Kb / 7P
   3V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
   3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com