Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2M03GLA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  F2M03GLA Datasheet HTML 1Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 2Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 3Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Rev: b
© 2006 Free2move AB
Page 4(44)
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
2
Device terminal functions
Ground
Pin
Pin type
Description
GND
1,16,17,32
VSS
Ground connections
Power supplies
Pin
Pin type
Description
+VCC
31
VDD
Positive voltage supply (3.0-3.6)
Analog I/O
Pin
Pin type
Description
AIO(0)
18
Bi-directional
Programmable
input/output
line
also
possible to use as digital I/O
AIO(1)
19
Bi-directional
Programmable
input/output
line
also
possible to use as digital I/O
Reset
Pin
Pin type
Description
RESET
30
CMOS input with internal pull-up (10kΩ)
Reset if low. Input debounced so must be
low for >5ms to cause a reset
Test and debug
Pin
Pin type
Description
SPI MISO
3
CMOS output, tristatable with weak internal
pull-down
Serial Peripheral Interface data output
SPI CSB
5
CMOS input with weak internal pull-up
Chip
select
for
Synchronous
Serial
Interface, active low
SPI CLK
2
CMOS input with weak internal pull-down
Serial Peripheral Interface clock
SPI MOSI
4
CMOS input with weak internal pull-down
Serial Peripheral Interface data input
UART
Pin
Pin type
Description
UART CTS
27
CMOS input with weak internal pull-down
UART clear to send active low
UART TX
29
CMOS output
UART data output active high
UART RTS
26
CMOS output, tristatable with internal pull-up
UART request to send active low
UART RX
28
CMOS input with weak internal pull-down
UART data input active high
PCM
Pin
Pin type
Description
PCM_OUT
7
CMOS output, tristatable with internal weak
pull down
Synchronous data output
PCM_SYNC
8
Bi-directional with weak internal pull-down
Synchronous data SYNC
PCM_IN
9
CMOS input, with weak internal pull-down
Synchronous data input
PCM_CLK
6
Bi-directional with weak internal pull-down
Synchronous data clock
USB
Pin
Pin type
Description
USB +
24
Bi-directional
USB data plus
USB -
25
Bi-directional
USB data minus
PIO
Pin
Pin type
Description
PIO(11)
15
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
PIO(10)
14
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
PIO(9)
13
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
PIO(8)
12
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
PIO(7)
11
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
PIO(6)/WLAN_Active/
Ch_Data
10
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line or
Optionally WLAN_Active/Ch_Data input for
co-existence signalling
PIO(5)/BT_Active
23
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line or
Optionally BT_Active output for co-
existence signalling
PIO(4)/ BT_Priority/Ch_Clk
22
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line or
Optionally BT_Priority/Ch_Clk output for
co-existence signalling
PIO(3)
21
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
PIO(2)
20
Bi-directional
with
programmable
weak
internal pull-up/down
Programmable input/output line
Not connected
Pin
Pin type
Description
NC
Not connected
Soldering pads for stability


Similar Part No. - F2M03GLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03GX-S01 ETC2-F2M03GX-S01 Datasheet
1Mb / 47P
   Extended range Bluetooth??Module - F2M03GX /GXA
More results

Similar Description - F2M03GLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03ALA-S04 ETC2-F2M03ALA-S04 Datasheet
1Mb / 51P
   Low power Audio Bluetooth Module with antenna F2M03ALA Datasheet
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
   ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
Abracon Corporation
ABBTM-NVC-MDCS71-MESH ABRACON-ABBTM-NVC-MDCS71-MESH Datasheet
9Mb / 9P
   Low Power Bluetooth Module (supporting CSRmesh)
06.29.15
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com