Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2M03GLA-S01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # F2M03GLA-S01
Description  Low power Bluetooth??Module with antenna
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA-S01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA-S01 Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03GLA-S01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
5
Firmware versions
F2M03 is supplied with Bluetooth stack firmware, which runs on the internal RISC micro controller of the
Bluetooth module. This chapter includes an overview of the different options for more in depth information
please use separate firmware datasheets provided by Free2move.
All firmware versions are compliant with the Bluetooth specification v2.0. The F2M03 software architecture
allows Bluetooth processing to be shared between the internal micro controller and a host processor.
Depending on application the upper layers of the Bluetooth stack (above HCI) can execute on-chip or on
the host processor.
Running the upper stack on F2M03 module reduces (or eliminates, in the case of a on module application)
the need for host-side software and processing time.
The integration approach depends on the type of product being developed. For example, performance will
depend on the integration approach adopted. In general Free2move offers four categories of Bluetooth
stack firmware:
Wireless UART; offers a transparent interface to the Bluetooth channel. There is no need for
additional drivers or Bluetooth software on the host.
Embedded module solutions offer an application to run on the module. There is no need for an
external host (E.g. a Bluetooth headset).
Two-processor solution involving a host and host controller, where the higher layers of the
Bluetooth stack has to be implemented on the host.
Two-processor embedded solution offers a host with limited resources to gain access to a
Bluetooth stack, with the higher layers on-chip, via a special API.
The protocol layer models for the different Bluetooth stack firmware categories can be represented as
shown in the figures below.
Hardware
BASEBAND and RF
APPLICATION INTERFACE
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Wireless UART application (SPP)
F2M03
Host
Application
Hardware
BASEBAND and RF
APPLICATION INTERFACE
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Application
F2M03
Host
Wireless UART
Embedded single-
processor architecture
© 2006 Free2move AB
Page 8(44)


Similar Part No. - F2M03GLA-S01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03GX-S01 ETC2-F2M03GX-S01 Datasheet
1Mb / 47P
   Extended range Bluetooth??Module - F2M03GX /GXA
More results

Similar Description - F2M03GLA-S01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03ALA-S04 ETC2-F2M03ALA-S04 Datasheet
1Mb / 51P
   Low power Audio Bluetooth Module with antenna F2M03ALA Datasheet
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
   ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
Abracon Corporation
ABBTM-NVC-MDCS71-MESH ABRACON-ABBTM-NVC-MDCS71-MESH Datasheet
9Mb / 9P
   Low Power Bluetooth Module (supporting CSRmesh)
06.29.15
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com