Selected language     English  â–¼


GE7809 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. GE7809
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
2/2
ISSUED DATE :2004/12/24
REVISED DATE :
Refer to the test circuits, Tj=0 to 125 , Io=500mA, Vi=15V, Ci=0.33uF, Co=0.1uF unless otherwise specified
Rank B ( 5% )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
8.55
9
9.45
Tj=25
VO
8.55
9
9.45
V
PD 15W, 5mA Io 1A
-
5
100
Tj=25 , 11.5V Vin 25V
VO
(Line Regulation)
-
2
50
mV
Tj=25 , 12V Vin 25V
-
-
180
5mA Io 1A
VO
(Load Regulation)
-
-
90
mV
250mA Io 750mA
IQ
-
4.5
8
mA
I
o 1A, Tj=25
-
-
0.5
5mA Io 1A
IQ
-
-
1.3
mA
11.5V Vin 26V
Vn
-
-
300
V
Ta=25 , 10Hz f 100KHz
RR
62
68
-
dB
13V Vin 23V, f=120Hz
VD
-
2.5
-
V
Tj=25 , Io=1A
Isc
-
1.5
-
A
Tj=25 ,
Ipk
-
1.7
-
A
Tj=25
Vo / Tj
-
-0.8
-
mV/
0 :
³
Tj +125 : ¿‡
I
o=5mA
Typical Application
Note:
C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
KA78XXE_063-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78L05AB3-Terminal 0.1A 5V Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA_043-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl