Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182RHFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182RHFR
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182RHFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6182RHFR Datasheet HTML 4Page - Texas Instruments THS6182RHFR Datasheet HTML 5Page - Texas Instruments THS6182RHFR Datasheet HTML 6Page - Texas Instruments THS6182RHFR Datasheet HTML 7Page - Texas Instruments THS6182RHFR Datasheet HTML 8Page - Texas Instruments THS6182RHFR Datasheet HTML 9Page - Texas Instruments THS6182RHFR Datasheet HTML 10Page - Texas Instruments THS6182RHFR Datasheet HTML 11Page - Texas Instruments THS6182RHFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
0
5
10
15
2 0
2 5
0.01
0.1
1
10
100
R s et t o G N D
k
Full Bias M o d e
M id B ias Mo d e
Lo w B ias Mo d e
VCC= ±12 V
−18
−12
−6
0
6
12
18
2 4
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VCC= ±12 V
Gain = 5
RF = 500 Ω
RL= 100 Ω
Full Bias
VO = 0.25 VPP
VO = 0.5 VPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
VO = 8 VPP
VCC = ±12V
Gain = 10
RF = 500 Ω
RL= 100 Ω
Full Bias
−18
−12
−6
0
6
12
18
2 4
3 0
f
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 16 VPP
VO = 8 VPP
VO = 4 VPP
VO = 2 VPP
VO = 1 VPP
VO = 0.5 VPP
VO = 0.25 VPP
1
10
10 0
10 0 0
1
10
10 0
10 0 0
Vn
10
100
1 k
10 k
100 k
f − Frequency − Hz
In−
In+
5
−3
−2
−1
0
1
2
3
0 .0
0 .5
1.0
Time ( S)
−15
−10
−5
0
10
15
Vin
Vo ut
µ
VCC= ±12 V
Gain = 5
RL= 100 Ω
−18
−12
−6
0
6
12
18
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VCC = ± 5 V
Gain = 5
RF = 750 Ω
RL= 25 Ω
Full Bias
VO = 4 VPP
VO = 2 VPP
VO = 1 VPP
VO = 0.5 VPP
VO = 0.25 VPP
−7
−6
−5
−4
−3
−2
−1
0
1
2
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±15 V
Gain = 1
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 2 k
RF = 1 k
RF = 1.2 k
−7
−6
−5
−4
−3
−2
−1
0
1
2
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±15 V
Gain = 1
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 2 k
RF = 1 k
RF = 1.2 k
−10
0
10
2 0
3 0
4 0
50
6 0
70
8 0
1k
f −Freq uency −Hz
Vcc−
Vcc+
10k
100k
1M
10M
100M
VCC = ±12 V
Gain = 5
RF = 500 Ω
RL = 100 Ω
THS6182
SLLS544G – SEPTEMBER 2002 – REVISED NOVEMBER 2004
LARGE SIGNAL OUTPUT
LARGE SIGNAL OUTPUT
AMPLITUDE
AMPLITUDE
vs
vs
TOTAL QUIESCENT CURRENT
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
Figure 7.
LARGE SIGNAL OUTPUT
AMPLITUDE
VOLTAGE AND CURRENT NOISE
vs
vs
FREQUENCY
FREQUENCY
OVERDRIVE RECOVERY
Figure 8.
Figure 9.
Figure 10.
POWER SUPPLY REJECTION RATIO
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
Figure 13.
8


Similar Part No. - THS6182RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182RHFR TI-THS6182RHFR Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182RHFRG4 TI-THS6182RHFRG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_08 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com