Selected language     English  ā–¼


HBNP3946S6R Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part No. HBNP3946S6R
Description  General Purpose NPN / PNP Epitaxial Planar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo 

   
 4 page
background image
CYStech Electronics Corp.
Spec. No. : C902S6R
Issued Date : 2003.03.18
Revised Date :
Page No. : 4/5
HBNP3946S6R
CYStek Product Specification
ā€¢ TR2 (PNP)
Current Gain vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current--- IC(mA)
HFE@VCE=1V
Saturation Voltage vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current IC-(mA)
VCE(SAT)@IC=10IB
Saturation Voltage vs Collector Current
100
1000
10000
0.1
1
10
100
1000
Collector Current---IC(mA)
VBE(SAT)@IC=10IB
Cutoff Frequency vs Collector Current
100
1000
1
10
100
Collector Current---IC(mA)
VCE=20V
PD - Ta
0
50
100
150
200
250
300
350
0
50
100
150
200
Ambient Temperature---Ta(ā„ƒ )
Dual
Single




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC307EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE LOW NOISE AMPLIFIER 1 2 KEC(Korea Electronics)
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MMBT2132T3_06General Purpose Transistors NPN Bipolar Junction Transistor 1 2 3 4 ON Semiconductor
XN04381Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2 For switching/digital circuits 1 2 3 4 5 Panasonic Semiconductor
2N3906_07General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreON Semiconductor
FMMT4402SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR 1 2 Zetex Semiconductors
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreON Semiconductor
XN05501Silicon NPN epitaxial planar type For general amplification 1 2 3 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl