Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5500179A Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE5500179A
Description  4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5500179A Datasheet(HTML) 5 Page - California Eastern Labs

  NE5500179A Datasheet HTML 1Page - California Eastern Labs NE5500179A Datasheet HTML 2Page - California Eastern Labs NE5500179A Datasheet HTML 3Page - California Eastern Labs NE5500179A Datasheet HTML 4Page - California Eastern Labs NE5500179A Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RECOMMENDED P.C.B. LAYOUT (Units in mm)
NE5500179A
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
07/05/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
4.0
1.7
6.1
0.5
0.5
Source
Drain
Gate
Through hole
φ 0.2 × 33


Similar Part No. - NE5500179A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
   SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5500179A RENESAS-NE5500179A Datasheet
298Kb / 13P
   SILICON POWER MOS FET
2003
logo
NEC
NE5500179A-T1 NEC-NE5500179A-T1 Datasheet
66Kb / 11P
   SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5500179A-T1 RENESAS-NE5500179A-T1 Datasheet
298Kb / 13P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE5500179A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
NEC
5510279A NEC-5510279A Datasheet
390Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5510279A NEC-NE5510279A Datasheet
39Kb / 5P
   3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5510179A CEL-NE5510179A Datasheet
42Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
logo
NEC
NE5510179A NEC-NE5510179A Datasheet
39Kb / 4P
   3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
logo
Murata Manufacturing Co...
SAWEN1G84CV0F00 MURATA1-SAWEN1G84CV0F00 Datasheet
211Kb / 7P
   SAW FILTER FOR GSM1800/GSM1900 (Rx)
Sep. 22, 2007
logo
California Eastern Labs
NE552R479A-T1-A CEL-NE552R479A-T1-A Datasheet
605Kb / 7P
   3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
   3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com