Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5510179A-T1 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE5510179A-T1
Description  3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5510179A-T1 Datasheet(HTML) 3 Page - California Eastern Labs

  NE5510179A-T1 Datasheet HTML 1Page - California Eastern Labs NE5510179A-T1 Datasheet HTML 2Page - California Eastern Labs NE5510179A-T1 Datasheet HTML 3Page - California Eastern Labs NE5510179A-T1 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NE5510179A
P.C.B. LAYOUT1 (Units in mm)
4.0
1.7
6.1
0.5
0.5
Source
Drain
Gate
Through hole
φ 0.2 × 33
Note:
1. Use rosin or other material to prevent solder from penetrating
through-holes.
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Gate to Source Voltage, VGS (V)
OUTPUT POWER, DRAIN CURRENT,
EFFICIENCY, AND POWER ADDED
EFFICIENCY VS. INPUT POWER
Input Power, PIN (dBm)
OUTPUT POWER, DRAIN CURRENT,
EFFICIENCY, AND POWER ADDED
EFFICIENCY VS. GATE TO SOURCE
VOLTAGE
Gate to Source Voltage, VGS (V)
Input Power, PIN (dBm)
VDS = 3.5 V,
IDQ = 200 mA,
freq = 1.9 GHz
PO = 29.7 dBm
31
26
21
16
11
6
25
20
15
10
5
0
0
250
500
750
1000
1250
0
50
100
POUT
ID
η
ηADD
VDS = 3.5 V,
freq = 1.9 GHz,
PIN = 22 dBm
PMAX = 30.1 dBm
POUT
APC
31
30
29
28
27
26
4.0
3.0
2.0
1.0
0.0
0
250
500
750
1000
1250
0
50
100
η
ηADD
IDS
VDS = 2.8 V,
IDQ = 200 mA,
freq = 1.9 GHz
PO = 28.7 dBm
30
25
20
15
10
5
25
20
15
10
5
0
0
250
500
750
1000
1250
0
50
100
POUT
ID
η
ηADD
VDS = 2.8 V,
freq = 1.9 GHz,
PIN = 22 dBm
PMAX = 29.0 dBm
POUT
Ids
APC
30
30
29
28
27
26
25
4.0
3.0
2.0
1.0
0.0
0
250
500
750
1000
1250
0
50
100
η
ηADD
OUTPUT POWER, DRAIN CURRENT,
EFFICIENCY, AND POWER ADDED
EFFICIENCY VS. INPUT POWER
OUTPUT POWER, DRAIN CURRENT,
EFFICIENCY, AND POWER ADDED
EFFICIENCY VS. GATE TO SOURCE
VOLTAGE


Similar Part No. - NE5510179A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE5510179A-T1 NEC-NE5510179A-T1 Datasheet
39Kb / 4P
   3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
More results

Similar Description - NE5510179A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE5510179A NEC-NE5510179A Datasheet
39Kb / 4P
   3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
NEC
5510279A NEC-5510279A Datasheet
390Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5510279A NEC-NE5510279A Datasheet
39Kb / 5P
   3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5500179A CEL-NE5500179A Datasheet
43Kb / 5P
   4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS
NE552R479A-T1-A CEL-NE552R479A-T1-A Datasheet
605Kb / 7P
   3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
   3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
   For 1.9 GHz - Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com