Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182DG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS6182DG4
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6182DG4 Datasheet HTML 3Page - Texas Instruments THS6182DG4 Datasheet HTML 4Page - Texas Instruments THS6182DG4 Datasheet HTML 5Page - Texas Instruments THS6182DG4 Datasheet HTML 6Page - Texas Instruments THS6182DG4 Datasheet HTML 7Page - Texas Instruments THS6182DG4 Datasheet HTML 8Page - Texas Instruments THS6182DG4 Datasheet HTML 9Page - Texas Instruments THS6182DG4 Datasheet HTML 10Page - Texas Instruments THS6182DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
100 k
1 M
10 M
100 M
f − Frequency − Hz
VCC = ±12 V
RL= 100 Ω
Gain = +5
Gain = +1
0
0.5
1
1.5
2
2.5
0
2 00
400
600
800
O ut p ut C ur r ent − mA
VCC = ±12 V
VCC = ±5 V
0
10
20
30
40
50
60
70
80
10 k
100 k
1 M
10 M
100 M
f − Frequency − Hz
VCC = ±12 V
Gain = 2
RL= 25 Ω
THS6182
SLLS544G – SEPTEMBER 2002 – REVISED NOVEMBER 2004
FIGURE
Output voltage headroom
vs Output current
2
Common-mode rejection ratio
vs Frequency
3
Crosstalk
vs Frequency
4
Total quiescent current
5
Large signal output amplitude
vs Frequency
6-8
Voltage and current noise
vs Frequency
9
Overdrive recovery
10
Power supply rejection ratio
vs Frequency
11
Output amplitude
vs Frequency
12-37
Slew rate
vs Output voltage
38
Closed-loop output impedance
vs Frequency
39
vs Supply voltage
40
Quiescent current
vs Temperature
41
Common-mode rejection ratio
vs Common-mode voltage
42
Input bias current
vs Temperature
43
Input offset voltage
vs Temperature
44
2nd Harmonic distribution
vs Frequency
45-52
3rd Harmonic distribution
vs Frequency
53-60
2nd Harmonic distribution
vs Output voltage
61-64
3rd Harmonic distribution
vs Output voltage
65-68
COMMON-MODE REJECTION
OUTPUT VOLTAGE HEADROOM
RATIO
CROSSTALK
vs
vs
vs
OUTPUT CURRENT
FREQUENCY
FREQUENCY
Figure 2.
Figure 3.
Figure 4.
7


Similar Part No. - THS6182DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182DG4 TI-THS6182DG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_08 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com