Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182DR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS6182DR
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS6182DR Datasheet HTML 7Page - Texas Instruments THS6182DR Datasheet HTML 8Page - Texas Instruments THS6182DR Datasheet HTML 9Page - Texas Instruments THS6182DR Datasheet HTML 10Page - Texas Instruments THS6182DR Datasheet HTML 11Page - Texas Instruments THS6182DR Datasheet HTML 12Page - Texas Instruments THS6182DR Datasheet HTML 13Page - Texas Instruments THS6182DR Datasheet HTML 14Page - Texas Instruments THS6182DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
−6
−5
−4
−3
−2
−1
0
1
2
3
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±5 V
Gain = 1
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 1 k
RF = 1.2 k
RF = 2 k
−6
−5
−4
−3
−2
−1
0
1
2
3
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC = ±5 V
Gain = 1
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 1 k
RF = 1.2 k
RF = 2 k
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 5
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 750
RF = 500
RF = 2 k
7
8
9
10
11
12
13
14
15
16
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 5
RL = 100 Ω
VO = 0.1 Vrms
Full Bias
RF = 750
RF = 500
RF = 2 k
RF = 1 k
12
13
14
15
16
17
18
19
20
21
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 10
RL = 25 Ω
VlO = 0.1 Vrms
Full Bias
RF = 500
RF = 2 k
RF = 1 k
12
13
14
15
16
17
18
19
20
21
f − Frequency − Hz
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 10
RL = 25 Ω
VO = 0.1 Vrms
Full Bias
RF = 500
RF = 2 k
RF = 1 k
0.01
0.1
1
10
100
1000
f − Frequency − Hz
Shutdown
Mid Bias
Low Bias
Full Bias
100 k
1 M
10 M
100 M
VCC = ± 12 V
Gain = 10
RL = 500 Ω
0
100
200
300
400
500
0
5
10
15
20
Output Voltage − Vp−p
SR+
SR−
5
10
15
20
25
3
9
13
Supply Voltage − +/−Vcc
Ta = 25 deg.C
Icc+ (Full)
Icc− (Full)
Icc+ (Mid)
Icc− (Mid)
A
Icc+ (Low)
Icc− (Low)
Icc− (SD)
Icc+ (SD)
5
7
11
15
THS6182
SLLS544G – SEPTEMBER 2002 – REVISED NOVEMBER 2004
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 32.
Figure 33.
Figure 34.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 35.
Figure 36.
Figure 37.
CLOSED LOOP OUTPUT
SLEW RATE
IMPEDANCE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT VOLTAGE
FREQUENCY
SUPPLY VOLTAGE
Figure 38.
Figure 39.
Figure 40.
11


Similar Part No. - THS6182DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182DR TI-THS6182DR Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DRG4 TI-THS6182DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_08 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com