Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182DWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6182DWG4
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DWG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS6182DWG4 Datasheet HTML 1Page - Texas Instruments THS6182DWG4 Datasheet HTML 2Page - Texas Instruments THS6182DWG4 Datasheet HTML 3Page - Texas Instruments THS6182DWG4 Datasheet HTML 4Page - Texas Instruments THS6182DWG4 Datasheet HTML 5Page - Texas Instruments THS6182DWG4 Datasheet HTML 6Page - Texas Instruments THS6182DWG4 Datasheet HTML 7Page - Texas Instruments THS6182DWG4 Datasheet HTML 8Page - Texas Instruments THS6182DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
THS6182
SLLS544G – SEPTEMBER 2002 – REVISED NOVEMBER 2004
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, T
A = 25°C, VCC = ±12 V, RF = 2 kΩ,
Gain = +5, I
ADJ = Bias1 = Bias2 = 0 V, RL = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
TA = 25°C
1
20
Input offset voltage
TA = full range
25
mV
VOS
VCC = ±5 V, ±12 V, ±15 V
TA = 25°C
0.5
10
Differential offset voltage
TA = full range
15
Offset drift
TA = full range
50
µV/°C
TA = 25°C
8
15
-Input bias current
TA = full range
20
IIB
VCC = ±5 V, ±12 V, ±15 V
µA
TA = 25°C
8
15
+Input bias current
TA = full range
20
ZOL
Open loop transimpedance
RL = 1 kΩ, VCC = ±12 V, ±15 V
900
k
INPUT CHARACTERISTICS
TA = 25°C
±2.7
±3.0
VCC = ±5 V
V
TA = full range
±2.6
TA = 25°C
±9.5
±9.8
VICR
Input common-mode voltage range
VCC = ±12 V
V
TA = full range
±9.3
TA = 25°C
±12.4
±12.7
VCC = ±15 V
V
TA = full range
±12.1
TA = 25°C
48
54
CMRR
Common-mode rejection ratio
VCC = ±5 V, ±12 V, ±15 V
dB
TA = full range
44
+Input
800
k
RI
Input resistance
-Input
30
Ci
Input capacitance
1.7
pF
LOGIC CONTROL CHARACTERISTICS
VIH
Bias pin voltage for logic 1
2.0
Relative to GND pin voltage
V
VIL
Bias pin voltage for logic 0
0.8
IIH
Bias pin current for logic 1
VIH = 3.3 V, GND = 0 V
4
30
µA
IIL
Bias pin current for logic 0
VIL = 0.5 V, GND = 0 V
1
10
µA
Transition time, logic 0 to logic 1(4)
1
µs
Transition time, logic 1 to logic 0(4)
1
µs
(4)
Transition time is defined as the time from when the logic signal is applied to the time when the supply current has reached half its final
value.
LOGIC TABLE(1)(2)
BIAS-1
BIAS-2
FUNCTION
DESCRIPTION
0
0
Full bias mode
Amplifiers ON with lowest distortion possible (default state)
1
0
Mid bias mode
Amplifiers ON with power savings with a reduction in distortion performance
0
1
Low bias mode
Amplifiers ON with enhanced power savings and a reduction of distortion performance
1
1
Shutdown mode
Amplifiers OFF and output has high impedance
(1)
The default state for all logic pins is a logic zero (0).
(2)
The GND pin useable range is from VCC- to (VCC+ - 4 V).
5


Similar Part No. - THS6182DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182DWG4 TI-THS6182DWG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_08 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com