Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432CZ Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TL432CZ
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432CZ Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TL432CZ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432CZ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432CZ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432CZ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432CZ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL432CZ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z/AZ/CZ
TL432AZ/CZ ELECTRICAL CHARACTERISTICS
(TA=25℃, unless otherwise specified)
Jan. 2007 - Rev 1.0
HTC
Reference Input Voltage
SYMBOL
IKAMIN
IREF
ΔIREF/ΔT
IKAOFF
CHARACTERISTIC
TEST CONDITION
MIN.
0.15
0.135
0.05
0.15
1.247
125
VKA=VREF, IK=10㎃
TA=Full Range
㎷/V
2.7
UNIT
V
MAX.
TYP.
1.24
1.252
0.5
1.0
Vka=Vref
0.15
TL432CZ
Deviation of Reference
Off-State Cathode
Input Voltage Over
Current
VKA=16V, VREF=0
to the Change in Cathod
Voltage
Temperature Range
Input Current Over Full
Deviation of Reference
R1=10㏀, R2=∞, Ta = Full Range
4
Dynamic Impedance
VKA=VREF, IK=0.1㎃~100㎃, f≤1.0㎑
ZKA
80
0.10
20
0.4
Ratio of Change in
Reference Input Voltage
Minimum Cathode
R1=10㏀, R2=∞
Reference Input Current
Current for Regulation
TL432AZ
VKA=1.25V to 14.5V
ΔVREF/ΔVKA
1.228
1.233
ΔVREF/ΔT
VREF
Full Temperature Range
VKA=VREF, IK=10㎃


Similar Part No. - TL432CZ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432CZ HTC-TL432CZ Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432CZSF HTC-TL432CZSF Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Similar Description - TL432CZ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com