Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4457F3C Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AM4457F3C
Description  1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM4457F3C Datasheet(HTML) 3 Page - Kingbright Corporation

  AM4457F3C Datasheet HTML 1Page - Kingbright Corporation AM4457F3C Datasheet HTML 2Page - Kingbright Corporation AM4457F3C Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPEC NO: DSAD2243
REV NO: V.5
DATE: APR/11/2005
PAGE: 3 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1101000156
AM4457F3C
Remarks:
If special sorting is required (e.g. binning based on forward voltage or radiant intensity),
the typical accuracy of the sorting process is as follows:
1. Radiant Intensity: +/-15%
2. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - AM4457F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM4457F3C KINGBRIGHT-AM4457F3C Datasheet
87Kb / 3P
   1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
More results

Similar Description - AM4457F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM4457F3C KINGBRIGHT-AM4457F3C Datasheet
87Kb / 3P
   1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
KM-4457F3C KINGBRIGHT-KM-4457F3C Datasheet
81Kb / 3P
   1.5mm SIDE LOOK INFRA-RED ENITTING DIODE
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
logo
Zetex Semiconductors
ZME50 ZETEX-ZME50 Datasheet
69Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Diodes Incorporated
ZME50 DIODES-ZME50 Datasheet
70Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Kingbright Corporation
AP2012F3C KINGBRIGHT-AP2012F3C Datasheet
126Kb / 4P
   2.0x1.25mm INFRA-RED EMITTING DIODE
AP3216SF4C KINGBRIGHT-AP3216SF4C Datasheet
132Kb / 4P
   3.2x1.6mm INFRA-RED EMITTING DIODE
AP2012SF4C KINGBRIGHT-AP2012SF4C Datasheet
116Kb / 4P
   2.0x1.25mm INFRA-RED EMITTING DIODE
AP3216F3C KINGBRIGHT-AP3216F3C_05 Datasheet
134Kb / 4P
   3.2x1.6mm INFRA-RED EMITTING DIODE
AP1608SF4C KINGBRIGHT-AP1608SF4C Datasheet
123Kb / 4P
   1.6x0.8mm INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com