Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7834-KC Datasheet(PDF) 1 Page - California Eastern Labs

Part # MC-7834-KC
Description  NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7834-KC Datasheet(HTML) 1 Page - California Eastern Labs

  MC-7834-KC Datasheet HTML 1Page - California Eastern Labs MC-7834-KC Datasheet HTML 2Page - California Eastern Labs MC-7834-KC Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7834-KC
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE H02
FEATURES
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN:
MC-7834-KC - GL = 21 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS
PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
Withstands environmental extremes as well as Silicon
devices (Surge, ESD, Etc.)
DESCRIPTION
NEC's MC-7834-KC is a GaAs Multi-Chip Module designed
for use as input stages in CATV applications up to 870 MHz.
Because this unit is a GaAs device, it has low distortion, low
noise figure, and low return loss across the entire frequency
band. The MC-7834-KC is similar to NEC's standard push-pull
devices, but with the higher current allows better distortion
performance, especially X-Mod.
Like the previous generation of products, these devices sur-
vive such hazards as surge and ESD as well as their silicon
competitors, but deliver superior performance with low DC
current required.
All devices are assembled and tested using fully automated
equipment to maximize consistency in part to part perfor-
mance, and reliability is assured by NEC's stringent quality
and process control procedures. These parts come in industry
compatible hybrid packages.
VDD
9
1
In
Out
Gnd
2 3 7 8
2.54
±0.38
21.5 MAX
6-32 unc 2B
2.54
±0.25
1 2 3 5
7 8 9
4.19
±0.13
14.85 MAX
4.25
+ 0.25
- 0.35
4.0
±0.25
5
10.75±0.25
27.5 MAX
38.1
±0.25
45.08 MAX
0.51
±0.050
3.2 MAX
A
0.38.. A
25.4
±0.25
19.05
±0.38
8.1 MAX
2.5
6.3
±0.05
APPLICATIONS
• CATV HEADEND SYSTEMS
• CATV OPTICAL NODES
• CATV DISTRIBUTION AMPS
PART NUMBER
MC-7834-KC
TEST CONDITIONS
SYMBOLS
CHARACTERISTICS
UNITS
MIN
TYP
MAX
BW
Frequency Range
MHz
50
870
GL
Linear Gain
dB
20.0
21.0
f = 870 MHz
S
Gain Slope
dB
0.2
1.0
f = 40 to 870 MHz
Gf
Gain Flatness
dB
0.7
40 to 870 MHz; Peak to Valley
NF
Noise Figure 1
Noise Figure 2
dB
6.5
f = 50 MHz
7.0
f = 870 MHz
RL
Input/Output Return Loss
dB
20.0
40 to 160MHz
19.0
160 to 320 MHz
17.5
320 to 640 MHz
16.0
640 to 870 MHz
IDD
Operating Current
mA
180
325
RF OFF
CTB
Composite Triple Beat
dBc
-59
f = 40 to 870 MHz; 110 Channels,
VOUT = 44 dBmV, Flat
XMod
Cross Modulation
dBc
-52
CSO
Composite Second Order
dBc
-59
ELECTRICAL CHARACTERISTICS (TA= 30±5 °C, VDD = 24 V, ZS = ZL = 75 Ω)
Date Published January 2007


Similar Part No. - MC-7834-KC

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
More results

Similar Description - MC-7834-KC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com